Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 2 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 2 Page - Texas Instruments

  CC2640R2FYFVT.B Datasheet HTML 1Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 2Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 3Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 4Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 5Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 6Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 7Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 8Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
• Development Tools and Software
– Full-feature development kits
– Multiple reference designs
– SmartRF™ Studio
– Sensor Controller Studio
– IAR Embedded Workbench® for Arm®
– Code Composer Studio™ Integrated
Development Environment (IDE)
– Code Composer Studio™ Cloud IDE
2 Applications
• Home and Building Automation
– Connected appliances
– Lighting
– Smart locks
– Gateways
– Security Systems
• Industrial
– Factory automation
– Asset tracking and management
– HMI
– Access control
• Electronic Point Of Sale (EPOS)
– Electronic Shelf Label (ESL)
• Health and Medical
– Electronic thermometers
– SpO2
– Blood glucose monitors and blood pressure
monitors
– Weigh scales
– Hearing aids
• Sports and Fitness
– Wearable fitness and activity monitors
– Smart trackers
– Patient monitors
– Fitness machines
• HID
– Gaming
– Pointing devices (wireless keyboard and
mouse)
3 Description
The CC2640R2F device is a 2.4 GHz wireless microcontroller (MCU) supporting Bluetooth® 5.1 Low Energy and
Proprietary 2.4 GHz applications. The device is optimized for low-power wireless communication and advanced
sensing in building security systems, HVAC, asset tracking, and medical markets, and applications where
industrial performance is required. The highlighted features of this device include:
• Support for Bluetooth ® 5.1 features: LE Coded PHYs (Long Range), LE 2-Mbit PHY (High Speed),
Advertising Extensions, Multiple Advertisement Sets, as well as backwards compatibility and support for key
features from the Bluetooth ® 5.0 and earlier Low Energy specifications.
• Fully-qualified Bluetooth ® 5.1 software protocol stack included with the SimpleLink™ CC2640R2F Software
Development Kit (SDK) for developing applications on the powerful Arm® Cortex®-M3 processor.
• Longer battery life wireless applications with low standby current of 1.1 µA with full RAM retention.
• Advanced sensing with a programmable, autonomous ultra-low power Sensor Controller CPU with fast wake-
up capability. As an example, the sensor controller is capable of 1-Hz ADC sampling at 1 µA system current.
• Dedicated software controlled radio controller (Arm® Cortex®-M0) providing flexible low-power RF transceiver
capability to support multiple physical layers and RF standards, such as real-time localization (RTLS)
technologies.
• Excellent radio sensitivity and robustness (selectivity and blocking) performance for Bluetooth ® Low Energy
(-103 dBm for 125-kbps LE Coded PHY).
The CC2640R2F device is part of the SimpleLink™ microcontroller (MCU) platform, which consists of
Wi-Fi®, Bluetooth ® Low Energy, Thread, ZigBee®, Sub-1 GHz MCUs, and host MCUs that all share a common,
easy-to-use development environment with a single core software development kit (SDK) and rich tool set. A
one-time integration of the SimpleLink™ platform enables you to add any combination of the portfolio’s devices
into your design, allowing 100 percent code reuse when your design requirements change. For more
information, visit SimpleLink™ MCU platform.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CC2640R2FRGZ
VQFN (48)
7.00 mm × 7.00 mm
CC2640R2FRHB
VQFN (32)
5.00 mm × 5.00 mm
CC2640R2FRSM
VQFN (32)
4.00 mm × 4.00 mm
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com