Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 7 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 3Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 4Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 5Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 6Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 7Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 8Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 9Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 10Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
6 Device Comparison
Table 6-1. Device Family Overview
Device
PHY Support
Flash (KB)
RAM (KB)
GPIO
Package(1)
CC2640R2Fxxx(2)
Bluetooth low energy
(Normal, High Speed, Long Range)
128
20
31, 15, 14, 10
RGZ, RHB, YFV, RSM
CC2640F128xxx
Bluetooth low energy (Normal)
128
20
31, 15, 10
RGZ, RHB, RSM
CC2650F128xxx
Multi-Protocol(3)
128
20
31, 15, 10
RGZ, RHB, RSM
CC2630F128xxx
IEEE 802.15.4 (/6LoWPAN)
128
20
31, 15, 10
RGZ, RHB, RSM
CC2620F128xxx
IEEE 802.15.4 (RF4CE)
128
20
31, 10
RGZ, RSM
(1)
Package designator replaces the xxx in device name to form a complete device name, RGZ is 7-mm × 7-mm VQFN48,
RHB is 5-mm × 5-mm VQFN32, RSM is 4-mm × 4-mm VQFN32, and YFV is 2.7-mm × 2.7-mm DSBGA.
(2)
CC2640R2Fxxx devices contain Bluetooth Low Energy Host & Controller libraries in ROM, leaving more of the 128KB Flash memory
available for the customer application when used with supported BLE-Stack software protocol stack releases. Actual use of ROM and
Flash memory by the protocol stack may vary depending on device software configuration. See www.ti.com for more details.
(3)
The CC2650 device supports all PHYs and can be reflashed to run all the supported standards.
6.1 Related Products
TI's Wireless
Connectivity
The wireless connectivity portfolio offers a wide selection of low-power RF solutions
suitable for a broad range of applications. The offerings range from fully customized
solutions to turn key offerings with pre-certified hardware and software (protocol).
TI's SimpleLink™ Sub-1
GHz Wireless MCUs
Long-range, low-power wireless connectivity solutions are offered in a wide range
of
Sub-1 GHz ISM bands.
Companion Products
Companion Products
Review products that are frequently purchased or used in conjunction with this
product.
SimpleLink™ CC2640R2
Wireless MCU
LaunchPad™
Development Kit
The CC2640R2 LaunchPad™ development kit brings easy Bluetooth® low energy
(BLE) connection to the LaunchPad ecosystem with the SimpleLink ultra-low power
CC26xx family of devices. Compared to the CC2650 LaunchPad, the CC2640R2
LaunchPad provides the following:
• More free flash memory for the user application in the CC2640R2 wireless MCU
• Out-of-the-box support for Bluetooth 4.2 specification
• 4× faster Over-the-Air download speed compared to Bluetooth 4.1
SimpleLink™ Bluetooth
low energy/Multi-
standard SensorTag
The new SensorTag IoT kit invites you to realize your cloud-connected product
idea. The new SensorTag now includes 10 low-power MEMS sensors in a tiny red
package. And it is expandable with DevPacks to make it easy to add your own
sensors or actuators.
Reference Designs for
CC2640
TI Designs Reference Design Library is a robust reference design library spanning
analog, embedded processor and connectivity. Created by TI experts to help you
jump-start your system design, all TI Designs include schematic or block diagrams,
BOMs, and design files to speed your time to market. Search and download
designs at ti.com/tidesigns.
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com