Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 42 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 38Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 39Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 40Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 41Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 42Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 43Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 44Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 45Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
9.11 Voltage Supply Domains
The CC2640R2F device can interface to two or three different voltage domains depending on the package type.
On-chip level converters ensure correct operation as long as the signal voltage on each input/output pin is set
with respect to the corresponding supply pin (VDDS, VDDS2 or VDDS3). Table 9-3 lists the pin-to-VDDS
mapping.
Table 9-3. Pin Function to VDDS Mapping Table
Package
VQFN 7 × 7 (RGZ)
VQFN 5 × 5 (RHB)
VQFN 4 × 4
(RSM)
DSBGA (YFV)
VDDS(1)
DIO 23–30
Reset_N
DIO 7–14
Reset_N
DIO 5–9
Reset_N
DIO 7–13
Reset_N
VDDS2
DIO 0–11
DIO 0–6
JTAG
DIO 0–4
JTAG
DIO 0–6
JTAG
VDDS3
DIO 12–22
JTAG
N/A
N/A
N/A
(1)
VDDS_DCDC must be connected to VDDS on the PCB.
9.12 System Architecture
Depending on the product configuration, CC26xx can function either as a Wireless Network Processor (WNP—
an IC running the wireless protocol stack, with the application running on a separate MCU), or as a System-on-
Chip (SoC), with the application and protocol stack running on the Arm® Cortex®-M3 core inside the device.
In the first case, the external host MCU communicates with the device using SPI or UART. In the second case,
the application must be written according to the application framework supplied with the wireless protocol stack.
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
42
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com