Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 36 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 32Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 33Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 34Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 35Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 36Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 37Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 38Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 39Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
9 Detailed Description
9.1 Overview
The core modules of the CC26xx product family are shown in Section 9.2.
9.2 Functional Block Diagram
SimpleLink CC26xx Wireless MCU
Main CPU:
128-KB
Flash
Sensor Controller
cJTAG
20-KB
SRAM
ROM
ARM
Cortex-M3
DC-DC Converter
RF Core
ARM
Cortex-M0
DSP modem
4-KB
SRAM
ROM
Sensor Controller Engine
2× Comparator
12-bit ADC, 200 ks/s
Constant Current Source
SPI-I
2
C Digital Sensor IF
2-KB SRAM
Time-to-digital Converter
General Peripherals / Modules
4× 32-bit Timers
2× SSI (SPI, µW, TI)
Watchdog Timer
Temp. / Batt. Monitor
RTC
I
2
C
UART
I2S
10 / 14 / 15 / 31 GPIOs
AES
32 ch. µDMA
ADC
Digital PLL
Up to 48 MHz
61 µA/MHz
TRNG
ADC
8-KB
cache
Copyright © 2016, Texas Instruments Incorporated
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
36
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com