Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 38 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 34Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 35Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 36Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 37Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 38Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 39Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 40Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 41Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
9.5 Sensor Controller
The Sensor Controller contains circuitry that can be selectively enabled in standby mode. The peripherals in this
domain may be controlled by the Sensor Controller Engine, which is a proprietary power-optimized CPU. This
CPU can read and monitor sensors or perform other tasks autonomously, thereby significantly reducing power
consumption and offloading the main CM3 CPU. The GPIOs that can be connected to the Sensor Controller are
listed in Table 9-1.
The Sensor Controller is set up using a PC-based configuration tool, called Sensor Controller Studio, and
potential use cases may be (but are not limited to):
• Analog sensors using integrated ADC
• Digital sensors using GPIOs, bit-banged I2C, and SPI
• UART communication for sensor reading or debugging
• Capacitive sensing
• Waveform generation
• Pulse counting
• Keyboard scan
• Quadrature decoder for polling rotation sensors
• Oscillator calibration
Note
Texas Instruments provides application examples for some of these use cases, but not for all of them.
The peripherals in the Sensor Controller include the following:
• The low-power clocked comparator can be used to wake the device from any state in which the comparator is
active. A configurable internal reference can be used in conjunction with the comparator. The output of the
comparator can also be used to trigger an interrupt or the ADC.
• Capacitive sensing functionality is implemented through the use of a constant current source, a time-to-digital
converter, and a comparator. The continuous time comparator in this block can also be used as a higher-
accuracy alternative to the low-power clocked comparator. The Sensor Controller will take care of baseline
tracking, hysteresis, filtering and other related functions.
• The ADC is a 12-bit, 200-ksamples/s ADC with eight inputs and a built-in voltage reference. The ADC can be
triggered by many different sources, including timers, I/O pins, software, the analog comparator, and the
RTC.
• The Sensor Controller also includes a SPI–I2C digital interface.
• The analog modules can be connected to up to eight different GPIOs.
The peripherals in the Sensor Controller can also be controlled from the main application processor.
Table 9-1. GPIOs Connected to the Sensor Controller (1)
ANALOG
CAPABLE
7 × 7 RGZ
DIO NUMBER
5 × 5 RHB
DIO NUMBER
2.7 × 2.7 YFV
DIO NUMBER
4 × 4 RSM
DIO NUMBER
Y
30
14
Y
29
13
13
Y
28
12
12
Y
27
11
11
9
Y
26
9
9
8
Y
25
10
10
7
Y
24
8
8
6
Y
23
7
7
5
N
7
4
4
2
N
6
3
3
1
N
5
2
2
0
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
38
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com