Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 32 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 28Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 29Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 30Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 31Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 32Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 33Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 34Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 35Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
8.29 Typical Characteristics
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
-99
-98
-97
-96
-95
-94
Sensitivity 4XS
Sensitivity 5XD
Figure 8-4. BLE Sensitivity vs Temperature
VDDS (V)
1.8
2.3
2.8
3.3
3.8
-101
-100
-99
-98
-97
-96
-95
D004
BLE 5XD Sensitivity
BLE 4XS Sensitivity
Figure 8-5. BLE Sensitivity vs Supply Voltage
(VDDS)
Frequency (MHz)
2400
2410
2420
2430
2440
2450
2460
2470
2480
-99
-98.5
-98
-97.5
-97
-96.5
-96
-95.5
-95
D020
Sensitivity 5XD
Sensitivity 4XS
Figure 8-6. BLE Sensitivity vs Channel Frequency
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
4XS 2-dBm Setting
5XD 5-dBm Setting
Figure 8-7. TX Output Power vs Temperature
VDDS (V)
1.8
2.3
2.8
3.3
3.8
0
1
2
3
4
5
6
D003
5XD 5 dBm Setting
4XS 2 dBm Setting
Figure 8-8. TX Output Power vs Supply Voltage
(VDDS)
Frequency (MHz)
2400
2410
2420
2430
2440
2450
2460
2470
2480
-1
0
1
2
3
4
5
6
7
8
D021
5-dBm setting (5XD)
0-dBm setting (4XS)
Figure 8-9. TX Output Power vs Channel
Frequency
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com