Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 12 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 8Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 9Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 10Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 11Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 12Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 13Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 14Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 15Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
7.4 Signal Descriptions – RHB Package
Table 7-2. Signal Descriptions – RHB Package
NAME
NO.
TYPE
DESCRIPTION
DCDC_SW
17
Power
Output from internal DC/DC(1)
DCOUPL
12
Power
1.27-V regulated digital-supply decoupling(2)
DIO_0
6
Digital I/O
GPIO, Sensor Controller
DIO_1
7
Digital I/O
GPIO, Sensor Controller
DIO_2
8
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_3
9
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_4
10
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_5
15
Digital I/O
GPIO, High drive capability, JTAG_TDO
DIO_6
16
Digital I/O
GPIO, High drive capability, JTAG_TDI
DIO_7
20
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_8
21
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_9
22
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_10
23
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_11
24
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_12
25
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_13
26
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_14
27
Digital/Analog I/O
GPIO, Sensor Controller, Analog
JTAG_TMSC
13
Digital I/O
JTAG TMSC, high-drive capability
JTAG_TCKC
14
Digital I/O
JTAG TCKC(3)
RESET_N
19
Digital input
Reset, active-low. No internal pullup.
RF_N
2
RF I/O
Negative RF input signal to LNA during RX
Negative RF output signal to PA during TX
RF_P
1
RF I/O
Positive RF input signal to LNA during RX
Positive RF output signal to PA during TX
RX_TX
3
RF I/O
Optional bias pin for the RF LNA
VDDR
29
Power
1.7-V to 1.95-V supply, typically connect to output of internal DC/DC(4) (2)
VDDR_RF
32
Power
1.7-V to 1.95-V supply, typically connect to output of internal DC/DC(2) (5)
VDDS
28
Power
1.8-V to 3.8-V main chip supply(1)
VDDS2
11
Power
1.8-V to 3.8-V GPIO supply(1)
VDDS_DCDC
18
Power
1.8-V to 3.8-V DC/DC supply
X32K_Q1
4
Analog I/O
32-kHz crystal oscillator pin 1
X32K_Q2
5
Analog I/O
32-kHz crystal oscillator pin 2
X24M_N
30
Analog I/O
24-MHz crystal oscillator pin 1
X24M_P
31
Analog I/O
24-MHz crystal oscillator pin 2
EGP
Power
Ground – Exposed Ground Pad
(1)
See technical reference manual (listed in Section 11.3) for more details.
(2)
Do not supply external circuitry from this pin.
(3)
For design consideration regarding noise immunity for this pin, see the JTAG Interface chapter in the CC13x0, CC26x0 SimpleLink™
Wireless MCU Technical Reference Manual
(4)
If internal DC/DC is not used, this pin is supplied internally from the main LDO.
(5)
If internal DC/DC is not used, this pin must be connected to VDDR for supply from the main LDO.
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com