Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 17 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 13Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 14Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 15Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 16Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 17Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 18Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 19Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 20Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX UNIT
Supply voltage (VDDS, VDDS2,
and VDDS3)
VDDR supplied by internal DC/DC regulator or
internal GLDO. VDDS_DCDC connected to VDDS
on PCB
–0.3
4.1
V
Supply voltage (VDDS(3) and
VDDR)
External regulator mode (VDDS and VDDR pins
connected on PCB)
–0.3
2.25
V
Voltage on any digital pin(4) (5)
–0.3
VDDSx + 0.3, max 4.1
V
Voltage on crystal oscillator pins, X32K_Q1, X32K_Q2, X24M_N and X24M_P
–0.3
VDDR + 0.3, max 2.25
V
Voltage on ADC input (Vin)
Voltage scaling enabled
–0.3
VDDS
V
Voltage scaling disabled, internal reference
–0.3
1.49
Voltage scaling disabled, VDDS as reference
–0.3
VDDS / 2.9
Input RF level
5 dBm
Tstg
Storage temperature
–40
150
°C
(1)
All voltage values are with respect to ground, unless otherwise noted.
(2)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(3)
In external regulator mode, VDDS2 and VDDS3 must be at the same potential as VDDS.
(4)
Including analog-capable DIO.
(5)
Each pin is referenced to a specific VDDSx (VDDS, VDDS2 or VDDS3). For a pin-to-VDDS mapping table, see Table 9-3 .
8.2 ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
...
RSM, RHB, and RGZ packages
Human body model (HBM), per ANSI/ESDA/
JEDEC JS001(1)
All pins
±2500
V
Charged device model (CDM), per JESD22-
C101(2)
RF pins
±500
Non-RF pins
±500
VESD
Electrostatic discharge
...
YFV package
Human body model (HBM), per ANSI/ESDA/
JEDEC JS001(1)
All pins
±1500
V
Charged device model (CDM), per JESD22-
C101(2)
RF pins
±500
Non-RF pins
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com