Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 27 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 23Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 24Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 25Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 26Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 27Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 28Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 29Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 30Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
8.21 Continuous Time Comparator
Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
0
VDDS
V
External reference voltage
0
VDDS
V
Internal reference voltage
DCOUPL as reference
1.27
V
Offset
3
mV
Hysteresis
<2
mV
Decision time
Step from –10 mV to 10 mV
0.72
µs
Current consumption when enabled(1)
8.6
µA
(1)
Additionally, the bias module must be enabled when running in standby mode.
8.22 Low-Power Clocked Comparator
Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
0
VDDS
V
Clock frequency
32
kHz
Internal reference voltage, VDDS / 2
1.49–1.51
V
Internal reference voltage, VDDS / 3
1.01–1.03
V
Internal reference voltage, VDDS / 4
0.78–0.79
V
Internal reference voltage, DCOUPL / 1
1.25–1.28
V
Internal reference voltage, DCOUPL / 2
0.63–0.65
V
Internal reference voltage, DCOUPL / 3
0.42–0.44
V
Internal reference voltage, DCOUPL / 4
0.33–0.34
V
Offset
<5
mV
Hysteresis
<5
mV
Decision time
Step from –50 mV to 50 mV
<1
clock-cycle
Current consumption when enabled
362
nA
8.23 Programmable Current Source
Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current source programmable output range
0.25–20
µA
Resolution
0.25
µA
Current consumption(1)
Including current source at maximum
programmable output
23
µA
(1)
Additionally, the bias module must be enabled when running in standby mode.
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com