Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 28 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 24Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 25Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 26Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 27Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 28Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 29Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 30Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 31Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
8.24 Synchronous Serial Interface (SSI)
Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
S1(1) tclk_per (SSIClk period)
Device operating as SLAVE
12
65024
system
clocks
S2(1) tclk_high (SSIClk high time)
Device operating as SLAVE
0.5
tclk_per
S3(1) tclk_low (SSIClk low time)
Device operating as SLAVE
0.5
tclk_per
S1 (TX only)(1) tclk_per (SSIClk period)
One-way communication to SLAVE -
Device operating as MASTER
4
65024
system
clocks
S1 (TX and RX)(1) tclk_per (SSIClk period)
Normal duplex operation -
Device operating as MASTER
8
65024
system
clocks
S2(1) tclk_high (SSIClk high time)
Device operating as MASTER
0.5
tclk_per
S3(1) tclk_low (SSIClk low time)
Device operating as MASTER
0.5
tclk_per
(1)
Refer to SSI timing diagrams Figure 8-1, Figure 8-2, and Figure 8-3.
SSIClk
SSIFss
SSITx
SSIRx
MSB
LSB
S2
S3
S1
4 to 16 bits
Figure 8-1. SSI Timing for TI Frame Format (FRF = 01), Single Transfer Timing Measurement
0
SSIClk
SSIFss
SSITx
SSIRx
MSB
LSB
MSB
LSB
S2
S3
S1
8-bit control
4 to 16 bits output data
Figure 8-2. SSI Timing for MICROWIRE Frame Format (FRF = 10), Single Transfer
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com