Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 30 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 26Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 27Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 28Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 29Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 30Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 31Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 32Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 33Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C, VDDS = 3.8 V
GPIO pullup current
Input mode, pullup enabled, Vpad = 0 V
277
µA
GPIO pulldown current
Input mode, pulldown enabled, Vpad = VDDS
113
µA
GPIO high/low input transition,
no hysteresis
IH = 0, transition between reading 0 and reading 1
1.67
V
GPIO low-to-high input transition,
with hysteresis
IH = 1, transition voltage for input read as 0 → 1
1.94
V
GPIO high-to-low input transition,
with hysteresis
IH = 1, transition voltage for input read as 1 → 0
1.54
V
GPIO input hysteresis
IH = 1, difference between 0 → 1 and 1 → 0 points
0.4
V
TA = 25°C
VIH
Lowest GPIO input voltage reliably interpreted as a
«High»
0.8 VDDS(1)
VIL
Highest GPIO input voltage reliably interpreted as a
«Low»
0.2
VDDS(1)
(1)
Each GPIO is referenced to a specific VDDS pin. See the technical reference manual listed in Section 11.3 for more details.
8.26 Thermal Resistance Characteristics
NAME
DESCRIPTION
RSM (°C/W)(1) (2) RHB (°C/W)(1) (2) RGZ (°C/W)(1) (2)
YFV (°C/W)(1) (2)
RθJA
Junction-to-ambient thermal resistance
36.9
32.8
29.6
76.2
RθJC(top) Junction-to-case (top) thermal resistance
30.3
24.0
15.7
0.3
RθJB
Junction-to-board thermal resistance
7.6
6.8
6.2
16.3
PsiJT
Junction-to-top characterization parameter
0.4
0.3
0.3
1.8
PsiJB
Junction-to-board characterization parameter
7.4
6.8
6.2
16.3
RθJC(bot) Junction-to-case (bottom) thermal resistance
2.1
1.9
1.9
N/A
(1)
°C/W = degrees Celsius per watt.
(2)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [RθJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these EIA/
JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air).
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages.
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages.
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements.
For RSM, RHB, and RGZ, power dissipation of 2 W and an ambient temperature of 70°C is assumed. For YFV, power dissipation of
1.3 W and ambient temperature of 25°C is assumed.
8.27 Timing Requirements
MIN
NOM
MAX
UNIT
Rising supply-voltage slew rate
0
100
mV/µs
Falling supply-voltage slew rate
0
20
mV/µs
Falling supply-voltage slew rate, with low-power flash settings(1)
3
mV/µs
Positive temperature gradient in standby(2)
No limitation for negative
temperature gradient, or
outside standby mode
5
°C/s
CONTROL INPUT AC CHARACTERISTICS(3)
RESET_N low duration
1
µs
(1)
For smaller coin cell batteries, with high worst-case end-of-life equivalent source resistance, a 22-µF VDDS input capacitor (see Figure
10-1) must be used to ensure compliance with this slew rate.
(2)
Applications using RCOSC_LF as sleep timer must also consider the drift in frequency caused by a change in temperature (see
Section 8.17).
(3)
TA = –40°C to +85°C, VDDS = 1.7 V to 3.8 V, unless otherwise noted.
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
30
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com