Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 33 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 29Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 30Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 31Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 32Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 33Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 34Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 35Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 36Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
VDDS (V)
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
5
6
7
8
9
10
11
12
13
14
15
16
D015
4XS 0-dBm Setting
4XS 2-dBm Setting
5XD 5-dBm Setting
Figure 8-10. TX Current Consumption vs Supply
Voltage (VDDS)
Voltage (V)
1.8
2.05
2.3
2.55
2.8
3.05
3.3
3.55
3.8
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
10.5
D016
4XS
5XD
Figure 8-11. RX Mode Current vs Supply Voltage
(VDDS)
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
5.6
5.8
6
6.2
6.4
6.6
6.8
7
D001
5XD RX Current
4XS RX Current
Figure 8-12. RX Mode Current Consumption vs
Temperature
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12
D002
5XD 5 dBm Setting
4XS 2 dBm Setting
Figure 8-13. TX Mode Current Consumption vs
Temperature
Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
2.85
2.9
2.95
3
3.05
3.1
D006
Active Mode Current
Figure 8-14. Active Mode (MCU Running, No
Peripherals) Current Consumption vs Temperature
VDDS (V)
1.8
2.3
2.8
3.3
3.8
2
2.5
3
3.5
4
4.5
5
D007
Active Mode Current
Figure 8-15. Active Mode (MCU Running, No
Peripherals) Current Consumption vs Supply
Voltage (VDDS)
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com