Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 24 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 20Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 21Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 22Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 23Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 24Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 25Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 26Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 27Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
(3)
Excluding one exception at Fwanted / 2, per Bluetooth Specification.
8.13 2-Mbps GFSK (Bluetooth 5) – TX
Measured on the TI CC2650EM-5XD reference design with Tc = 25°C, VDDS = 3.0 V, fRF = 2440 MHz, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output power, highest setting
Differential mode, delivered to a single-ended 50-Ω load
through a balun
5
dBm
Output power, highest setting
Measured on CC2650EM-4XS, delivered to a single-ended
50-Ω load
2
dBm
Output power, lowest setting
Delivered to a single-ended 50-Ω load through a balun
–21
dBm
Spurious emission conducted
measurement(1)
f < 1 GHz, outside restricted bands
–43
dBm
f < 1 GHz, restricted bands ETSI
–65
dBm
f < 1 GHz, restricted bands FCC
–71
dBm
f > 1 GHz, including harmonics
–46
dBm
(1)
Suitable for systems targeting compliance with worldwide radio-frequency regulations ETSI EN 300 328 and EN 300 440 Class 2
(Europe), FCC CFR47 Part 15 (US), and ARIB STD-T66 (Japan).
8.14 24-MHz Crystal Oscillator (XOSC_HF)
Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ESR Equivalent series resistance(2)
6 pF < CL ≤ 9 pF
20
60
Ω
ESR Equivalent series resistance(2)
5 pF < CL ≤ 6 pF
80
Ω
LM Motional inductance(2)
Relates to load capacitance
(CL in Farads)
< 1.6 × 10–24 / CL 2
H
CL Crystal load capacitance(2) (3)
5
9
pF
Crystal frequency(2) (4)
24
MHz
Crystal frequency tolerance(2) (5)
–40
40
ppm
Start-up time(4) (6)
150
µs
(1)
Probing or otherwise stopping the crystal while the DC/DC converter is enabled may cause permanent damage to the device.
(2)
The crystal manufacturer's specification must satisfy this requirement
(3)
Adjustable load capacitance is integrated into the device. External load capacitors are not required
(4)
Measured on the TI CC2650EM-5XD reference design with Tc = 25°C, VDDS = 3.0 V
(5)
Includes initial tolerance of the crystal, drift over temperature, ageing and frequency pulling due to incorrect load capacitance. As per
specification.
(6)
Kick-started based on a temperature and aging compensated RCOSC_HF using precharge injection.
8.15 32.768-kHz Crystal Oscillator (XOSC_LF)
Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Crystal frequency(1)
32.768
kHz
Crystal frequency tolerance, Bluetooth low-
energy applications(1) (2)
–500
500
ppm
ESR Equivalent series resistance(1)
30
100
kΩ
CL Crystal load capacitance(1)
6
12
pF
(1)
The crystal manufacturer's specification must satisfy this requirement
(2)
Includes initial tolerance of the crystal, drift over temperature, ageing and frequency pulling due to incorrect load capacitance. As per
Bluetooth specification.
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com