Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 49 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 45Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 46Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 47Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 48Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 49Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 50Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 51Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 52Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
11 Device and Documentation Support
11.1 Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to all pre-production part numbers
or date-code markings. Each device has one of three prefixes/identifications: X, P, or null (no prefix) (for
example, CC2640R2F is in production; therefore, no prefix/identification is assigned).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final device's electrical specifications and
may not use production assembly flow.
P
Prototype device that is not necessarily the final silicon die and may not necessarily meet final electrical
specifications.
null Production version of the silicon die that is fully qualified.
Production devices have been characterized fully, and the quality and reliability of the device have been
demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (X or P) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system because their
expected end-use failure rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package type
(for example, ).
For orderable part numbers of the CC2640R2F device RSM, RHB, RGZ, or YFV package types, see the
Package Option Addendum of this document, the TI website (www.ti.com), or contact your TI sales
representative.
SimpleLink™ Multistandard
Wireless MCU
DEVICE FAMILY
PREFIX
X = Experimental device
Blank = Qualified device
PACKAGE DESIGNATOR
RGZ = 48-pin VQFN (Very Thin Quad Flatpack No-Lead)
RHB = 32-pin VQFN (Very Thin Quad Flatpack No-Lead)
RSM = 32-pin VQFN (Very Thin Quad Flatpack No-Lead)
YFV = 34-pin DSBGA (Die-Size Ball Grid Array)
R = Large Reel
T = Small Reel
CC26 xx
zzz
(R/T)
yyy
ROM version
F128 = ROM version 1
R2F = ROM version 2
DEVICE
40 = Bluetooth
Figure 11-1. Device Nomenclature
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com