Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2640R2FYFVT.B Datasheet(PDF) 37 Page - Texas Instruments

Part # CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Datasheet(HTML) 37 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 33Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 34Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 35Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 36Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 37Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 38Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 39Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 40Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
9.3 Main CPU
The SimpleLink™ CC2640R2F Wireless MCU contains an Arm® Cortex®-M3 (CM3) 32-bit CPU, which runs the
application and the higher layers of the protocol stack.
The CM3 processor provides a high-performance, low-cost platform that meets the system requirements of
minimal memory implementation, and low-power consumption, while delivering outstanding computational
performance and exceptional system response to interrupts.
Arm® Cortex®-M3 features include:
• 32-bit Arm® Cortex®-M3 architecture optimized for small-footprint embedded applications
• Outstanding processing performance combined with fast interrupt handling
• Arm® Thumb®-2 mixed 16- and 32-bit instruction set delivers the high performance expected of a 32-bit Arm®
core in a compact memory size usually associated with 8- and 16-bit devices, typically in the range of a few
kilobytes of memory for microcontroller-class applications:
– Single-cycle multiply instruction and hardware divide
– Atomic bit manipulation (bit-banding), delivering maximum memory use and streamlined peripheral control
– Unaligned data access, enabling data to be efficiently packed into memory
• Fast code execution permits slower processor clock or increases sleep mode time
• Harvard architecture characterized by separate buses for instruction and data
• Efficient processor core, system, and memories
• Hardware division and fast digital-signal-processing oriented multiply accumulate
• Saturating arithmetic for signal processing
• Deterministic, high-performance interrupt handling for time-critical applications
• Enhanced system debug with extensive breakpoint and trace capabilities
• Serial wire trace reduces the number of pins required for debugging and tracing
• Migration from the ARM7™ processor family for better performance and power efficiency
• Optimized for single-cycle flash memory use
• Ultra-low-power consumption with integrated sleep modes
• 1.25 DMIPS per MHz
9.4 RF Core
The RF Core contains an Arm® Cortex®-M0 processor that interfaces the analog RF and base-band circuits,
handles data to and from the system side, and assembles the information bits in a given packet structure. The
RF core offers a high level, command-based API to the main CPU.
The RF core is capable of autonomously handling the time-critical aspects of the radio protocols (Bluetooth® low
energy) thus offloading the main CPU and leaving more resources for the user application.
The RF core has a dedicated 4-KB SRAM block and runs initially from separate ROM memory. The Arm®
Cortex®-M0 processor is not programmable by customers.
www.ti.com
CC2640R2F
SWRS204C – DECEMBER 2016 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: CC2640R2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com