Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 45Page - STMicroelectronics L9965P Datasheet HTML 46Page - STMicroelectronics L9965P Datasheet HTML 47Page - STMicroelectronics L9965P Datasheet HTML 48Page - STMicroelectronics L9965P Datasheet HTML 49Page - STMicroelectronics L9965P Datasheet HTML 50Page - STMicroelectronics L9965P Datasheet HTML 51Page - STMicroelectronics L9965P Datasheet HTML 52Page - STMicroelectronics L9965P Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
Table 27. HS/LS FETs diagnostics
Fault
type
Assertion condition
IC reaction to
assertion
Release
condition
IC reaction
to flag clear
Maskable
PF
FET
STG
fail
If, during the HS ON
phase, the VRCM
current raises above
ILEAK_SOURCE_TH for
longer than
tFET_TEST_FLT, the
PF_FET_STG fault is
acknowledged
The PF_FET_STG
flag is set
FAULTN line is
asserted
Diagnostic routine is
stopped immediately
and the PF
command will be set
OFF
Cyclic diagnostic
triggers are inhibited
The “fire inhibit”
signal is set
The fault flag
can only be
cleared in
case the
diagnostic is
retriggered
manually and
gives a
positive
outcome
FAULTN line
is released
Cyclic
diagnostic
triggers are
unmasked
HS_LS_FET_EN = 0 masks cyclic
diagnostic trigger (but not the on-
demand one)
PF_FET_FAIL_FAULTN_MSK masks
fault redirection on FAULTN pin
PF_FET_FAIL_FIRE_MSK masks the
inhibition of pyro-fuse fire commands
PF
FET
fail
If, during HS ON
phase, the VRCM
current does not
exceed the threshold
ILEAK_SINK_TH, after
tFET_TEST_TO the test is
terminated and the
FET is turned-off
The PF_FET_FAIL
flag is set
FAULTN line is
asserted
Diagnostic routine is
stopped immediately
Cyclic diagnostic
triggers are inhibited
The “fire inhibit”
signal is set
The fault flag
can only be
cleared in
case the
diagnostic is
retriggered
manually and
gives a
positive
outcome
FAULTN line
is released
Cyclic
diagnostic
triggers are
unmasked
HS_LS_FET_EN = 0 masks cyclic
diagnostic trigger (but not the on-
demand one)
PF_FET_FAIL_FAULTN_MSK masks
fault redirection on FAULTN pin
PF_FET_FAIL_FIRE_MSK masks the
inhibition of pyro-fuse fire commands
PR
FET
STB
fail
If, during the LS ON
phase, the VRCM
current raises above
ILEAK_SINK_TH for
longer than
tFET_TEST_FLT, the
PR_FET_STB fault is
acknowledged
The PR_FET_STB
flag is set
FAULTN line is
asserted
Diagnostic routine is
stopped immediately
and the PR
command will be set
OFF
Cyclic diagnostic
triggers are inhibited
The “fire inhibit”
signal is set
The fault flag
can only be
cleared in
case the
diagnostic is
retriggered
manually and
gives a
positive
outcome
FAULTN line
is released
Cyclic
diagnostic
triggers are
unmasked
HS_LS_FET_EN = 0 masks cyclic
diagnostic trigger (but not the on-
demand one)
PR_FET_FAIL_FAULTN_MSK masks
fault redirection on FAULTN pin
PR_FET_FAIL_FIRE_MSK masks
the inhibition of pyro-fuse fire
commands
PR
FET
fail
If, during LS ON
phase, the VRCM
current does not
exceed the threshold
ILEAK_SOURCE_TH, after
tFET_TEST_TO the test is
terminated and the
FET is turned-off
The PR_FET_FAIL
flag is set
FAULTN line is
asserted
Diagnostic routine is
stopped immediately
Cyclic diagnostic
triggers are inhibited
The “fire inhibit”
signal is set
The fault flag
can only be
cleared in
case the
diagnostic is
retriggered
manually and
gives a
positive
outcome
FAULTN line
is released
Cyclic
diagnostic
triggers are
unmasked
HS_LS_FET_EN = 0 masks cyclic
diagnostic trigger (but not the on-
demand one)
PR_FET_FAIL_FAULTN_MSK masks
fault redirection on FAULTN pin
PR_FET_FAIL_FIRE_MSK masks
the inhibition of pyro-fuse fire
commands
L9965P
Functional description
DS14702 - Rev 4
page 49/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com