Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 13Page - STMicroelectronics L9965P Datasheet HTML 14Page - STMicroelectronics L9965P Datasheet HTML 15Page - STMicroelectronics L9965P Datasheet HTML 16Page - STMicroelectronics L9965P Datasheet HTML 17Page - STMicroelectronics L9965P Datasheet HTML 18Page - STMicroelectronics L9965P Datasheet HTML 19Page - STMicroelectronics L9965P Datasheet HTML 20Page - STMicroelectronics L9965P Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
Symbol
Parameter
Test condition
Min
Typ Max
Unit
Pin
LERBST
External output inductor
ISAT >> IERBST_PEAK_LIM
Application info
-20%
33 +20%
µH
ERBST
LERBST_DCR
External inductor DCR
Application info
-
1.5
Ω
ERBST
VDFW
External diode forward
voltage
Application info
-
1.2
V
ERBST
VERBST_DIS
ERBST disable
threshold during power-
up
Voltage difference between
VBATMON pin and ERBST pin
1.5
2.2
2.7
V
VBATMON,
ERBST
tERBST_READY_FLT
ERBST ready filter time Tested by SCAN
10
20
25
µs
VBATMON,
ERBST
tERBST_STARTUP
ERBST startup time
From VERBST = 5.3 V to 90% of
VERBST_110
CERBST = CERBSTmax
VIN = 6 V
-
220
ms
ERBST
TERBSTSW_SD
Thermal shutdown
threshold
Guaranteed by design
150
-
190
°C
ERBST
TERBSTSW_SD_HYS
Thermal shutdown
threshold hysteresis
Guaranteed by design
5
-
15
°C
ERBST
tERBST_SD_FLT
Thermal shutdown filter
time
Guaranteed by design
7
8.5
10
µs
ERBST
IERBST_PEAK_LIM_0
ERBSTSW peak
current limitation
PIN_LIMIT = 0
330
-
480
mA
ERBSTSW
IERBST_PEAK_LIM_1
ERBSTSW peak
current limitation
PIN_LIMIT = 1
VIN = 6 V
300
-
440
mA
ERBSTSW
IERBST_OC
ERBSTSW overcurrent
threshold
460
-
700
mA
ERBSTSW
NERBST_OC_COUNT
Number of counts
before turn-off
Overcurrent events
-
5
-
#
ERBSTSW
RDSON_ERBSTSW
Boost switch ON
resistance
-
-
1
Ω
ERBSTSW
VERBST_DLOSS_TH
ERBST diode loss
detection threshold
Voltage difference between
ERBSTSW pin and ERBST pin
2.3
3.3
4.0
V
ERBST,
ERBSTSW
VERBSTSW_CLAMP
ERBSTSW pin
clamping voltage
Diode loss
33
-
40
V
ERBSTSW
NERBST_DLOSS_COUNT
Number of counts
before turn-off
Diode loss clamping events
-
3
-
#
ERBSTSW
tRISE_ERBSTSW
ERBSTSW rise time
From 10% to 90% of
VERBSTSW_max
Min IERDCHSW peak current
Application info
-
-
15
ns
ERBSTSW
tFALL_ERBSTSW
ERBSTSW fall time
From 90% to 10% of
VERBSTSW_max
Max IERDCHSW peak current
Application info
-
-
20
ns
ERBSTSW
L9965P
Functional description
DS14702 - Rev 4
page 17/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com