Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 61Page - STMicroelectronics L9965P Datasheet HTML 62Page - STMicroelectronics L9965P Datasheet HTML 63Page - STMicroelectronics L9965P Datasheet HTML 64Page - STMicroelectronics L9965P Datasheet HTML 65Page - STMicroelectronics L9965P Datasheet HTML 66Page - STMicroelectronics L9965P Datasheet HTML 67Page - STMicroelectronics L9965P Datasheet HTML 68Page - STMicroelectronics L9965P Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 104 page
background image
3.14.1
SPI electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted: all supplies
according to the Table 3; TJ according to the Table 2.
Figure 28. SPI timing diagram
NCS
SCLK
tCLK_H
tCLK_LEAD
tCLK_LAG
tNO_DATA
tSDO_ACC
SDO
tSDO_VALID
Hi-Z
Hi-Z
tSDO_DIS
tSDI_SETUP
tSDI_HOLD
SDI
tCLK_L
Don’t care
Don’t care
MSB
LSB
MSB
LSB
tCLK
Table 42. SPI electrical parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
fCLK
SPI transfer frequency
Application info
-
-
2
MHz
SCLK
tCLK
Clock period
Application info
500
-
-
ns
SCLK
tCLK_H
Clock high time
Application info
210
-
-
ns
SCLK
tCLK_
Clock low time
Application info
210
-
-
ns
SCLK
tCLK_LEAD
Clock lead time
Application info
200
-
-
ns
SCLK
tCLK_LAG
Clock lag time
fCLK = 2MHz
200
-
-
ns
SCLK
tSDI_SETUP
MOSI input setup time
Application info
50
-
-
ns
SDI
tSDI_HOLD
MOSI input hold time
Application info
50
-
-
ns
SDI
tSDO_ACC
SDO access time
fCLK = 2 MHz, CLOAD = 60 pF
-
-
100
ns
SDO
tSDO_VALID
SDO output valid time
fCLK = 2 MHz, CLOAD = 60 pF
-
-
150
ns
SDO
tSDO_DIS
SDO disable time
fCLK = 2 MHz, CLOAD = 60 pF
-
-
100
ns
SDO
tNO_DATA
SPI interframe time
fCLK = 2 MHz
800
-
-
ns
NCS
3.14.2
SPI register map
Table 43. SPI register map
Register name
Address
Non volatile
BMS_ID
0x00
-
CHIP_ID
0x01
-
FAULT_DIAG_CONFIG
0x02
-
FENH_L_CONFIG
0x03
-
DIAG_CMD
0x04
-
L9965P
Functional description
DS14702 - Rev 4
page 65/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com