Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 88 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 88 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 84Page - STMicroelectronics L9965P Datasheet HTML 85Page - STMicroelectronics L9965P Datasheet HTML 86Page - STMicroelectronics L9965P Datasheet HTML 87Page - STMicroelectronics L9965P Datasheet HTML 88Page - STMicroelectronics L9965P Datasheet HTML 89Page - STMicroelectronics L9965P Datasheet HTML 90Page - STMicroelectronics L9965P Datasheet HTML 91Page - STMicroelectronics L9965P Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 104 page
background image
4.1.4
24 V DC-DC with MCU and ERBST not mounted
The Figure 32 shows a typical application diagram for a pyro-fuse system not using the ERBST regulator and
interfaced with a generic MCU.
Figure 32. Application circuit: 24 V DC-DC with MCU and ERBST not mounted
Arming logic
Deployment
driver
3V3 int
regulator
ER boost regulator
ER discharge
switch
Global configuration and
control, ADC, bias and
diagnostics
5V or 3.3V
PS
FAULTN
CWUP
NCS
SCLK
SDI/MOSI
SDO/MISO
Power management, diagnostics and monitoring
CIN
PF
PR
PYRO
FUSE
VIO
PGND
RFAULTN
CVIO
CPF
CPR
MCU
CFAULTN
24V
DC-DC
+
-
DIN
MCU
PMIC
CER1
CER2
The ERBST regulator is kept disabled and its components are not mounted. The diode DIN is optional and is used
to avoid back feeding to the DC-DC regulator.
Note:
See the dedicated Application Note.
L9965P
Application scenarios
DS14702 - Rev 4
page 88/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com