Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 16Page - STMicroelectronics L9965P Datasheet HTML 17Page - STMicroelectronics L9965P Datasheet HTML 18Page - STMicroelectronics L9965P Datasheet HTML 19Page - STMicroelectronics L9965P Datasheet HTML 20Page - STMicroelectronics L9965P Datasheet HTML 21Page - STMicroelectronics L9965P Datasheet HTML 22Page - STMicroelectronics L9965P Datasheet HTML 23Page - STMicroelectronics L9965P Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
3.4.2
Wake-up from fire enable inputs (FENH/FENL)
In DEEP-SLEEP state the IC is still responsive to FENH/FENL inputs in order to quickly wake-up and be ready to
fire when required.
When either FENH/FENL pin holds the active level for longer than tFENx_FLT, a wake-up condition is
acknowledged and latched in the FENX_WAKEUP bit in the INTERNAL_STATUS register.
If active level of FENH and FENL pins disappears after wake-up trigger, the IC remains in NORMAL state for
tFENx_WAKEUP_WAIT before returning in DEEP-SLEEP state.
These wake-up sources can be enabled setting FENH_EN = 1 and FENL_EN = 1 in NVM.
The active levels can also be programmed through FENH_LEVEL and FENL_LEVEL.
Note:
In order to speed up the wake-up procedure, when the device is awakened by FENH/FENL pin, NVM operations
are locked (neither download nor upload). A transition to DEEP-SLEEP is needed to unlock NVM.
3.4.2.1
FENH/FENL wake-up electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted: all supplies
according to the Table 3; TJ according to the Table 2.
Table 15. Wake-up sources electrical parameters
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
tFENx_FLT
FENH, FENL input
filter
Analog filter, guaranteed by design
250
-
800
ns
FENH,
FENL
tFENx_WAKEUP_TIME IC wake-up latency
From the FENH/FENL assertion to the IC
in ARM state (no NVM download)
-
-
400
µs
FENH,
FENL
tFENx_WAKEUP_WAIT IC wake-up wait
From the FENH/FENL assertion to the IC
return in DEEP-SLEEP state
1.8
2
2.1
ms
FENH,
FENL
L9965P
Functional description
DS14702 - Rev 4
page 20/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com