Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 2 Page - STMicroelectronics

  L9965P Datasheet HTML 1Page - STMicroelectronics L9965P Datasheet HTML 2Page - STMicroelectronics L9965P Datasheet HTML 3Page - STMicroelectronics L9965P Datasheet HTML 4Page - STMicroelectronics L9965P Datasheet HTML 5Page - STMicroelectronics L9965P Datasheet HTML 6Page - STMicroelectronics L9965P Datasheet HTML 7Page - STMicroelectronics L9965P Datasheet HTML 8Page - STMicroelectronics L9965P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
The digital input triggers are compatible with both level and PWM encoding, supporting 16 kHz and 125 kHz
encoded signals.
The device supports the charging of an external capacitor to be used as tank capacitor or as energy reserve (ER)
in case of battery loss. An internal boost regulator can be used to control the ER cap voltage around a
programmable setpoint. Boosting the input battery voltage allows using smaller ER capacitor values to store the
energy needed for firing, even in case of ECU battery loss.
The device has been designed to deliver maximum safety and performance while still being energy efficient. A
low-power operation strategy allows minimizing the idle consumption, keeping the device in an ultra low power
state while still performing all the diagnostic sweeps needed for achieving the ASIL targets. The periodicity of the
diagnostic sweeps can be programmed in order to comply with any FTTI. During such ultra low power state, the
device is still sensitive to wake-up/trigger sources in order to be ready to fire.
Operation in conjunction with L9965C companion chip allows simplifying the software development, as many
safety mechanisms are already implemented by L9965C.
L9965P
DS14702 - Rev 4
page 2/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com