Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 33Page - STMicroelectronics L9965P Datasheet HTML 34Page - STMicroelectronics L9965P Datasheet HTML 35Page - STMicroelectronics L9965P Datasheet HTML 36Page - STMicroelectronics L9965P Datasheet HTML 37Page - STMicroelectronics L9965P Datasheet HTML 38Page - STMicroelectronics L9965P Datasheet HTML 39Page - STMicroelectronics L9965P Datasheet HTML 40Page - STMicroelectronics L9965P Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 104 page
background image
3.6.2.7
Deployment electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted: all supplies
according to the Table 3; TJ according to the Table 2.
Table 22. Deployment electrical parameters
Symbol
Parameter
Test condition
Min
Typ Max
Unit
Pin
IDEPLOY_00
Pyro-fuse deployment
current
I_DEPLOY_CFG = 00
1.50
-
1.91
A
PR,
PGND
IDEPLOY_01
I_DEPLOY_CFG = 01
1.75
-
2.23
A
PR,
PGND
IDEPLOY_10
I_DEPLOY_CFG = 10
2.00
-
2.55
A
PR,
PGND
IDEPLOY_11
I_DEPLOY_CFG = 11
3.50
-
4.46
A
PR,
PGND
tDEPLOY_RES
Deployment timer
resolution
14.7
16
17.3
µs
PS, PF
NDEPLOY
Deployment timer bits
number
T_DEPLOY_CFG
-
7
-
Bits
PS, PF
tDEPLOY
Deployment timer
tDEPLOY_RES *
T_DEPLOY_CFG
-
-
2032
µs
PS, PF
tLS_OFF_DEACT
Delay between HS
turn-off and LS turn-off
50
-
-
µs
PR,
PGND
ELS_CLAMP
Low side recirculation
energy after fire
Considering LWIRE + LEMI
TJ,START = 135 °C
-
-
300
µJ
PR,
PGND
VLS_CLAMP
LS voltage clamp
35
-
40
V
PR
tDEP_CUR_RISE
From 10% to 90% of
the IDEPLOY_XX
Including RPYRO, LWIRE, CWIRE,
LEMI, CPYRO
-
-
32
µs
PF, PR
tDEP_DLY
From deployment start
signal (SPI CS rising
edge or FENH/FENL
acknowledge) to 90%
of the IDEPLOY_XX
Including RPYRO, LWIRE, CWIRE,
LEMI, CPYRO
-
-
50
µs
PF, PR
tDEP_CUR_FALL
From 90% to 10% of
the IDEPLOY_XX
Including RPYRO, LWIRE, CWIRE,
LEMI, CPYRO
-
-
32
µs
PF, PR
tDEP_CUR_MON
Deployment current
monitor resolution
DEP_CURR_MON
-
8
-
µs
PS, PF
IDEP_MON_TH
Deployment current
monitor threshold
90%*IDEPLOY_xx
-
-
A
PS, PF
tDEP_MON_TH_RES
Deployment current
monitor timer threshold
resolution
-
32
-
µs
PS, PF
NDEP_MON_TH
Deployment current
monitor timer threshold
bits number
DEP_MON_THR
-
5
-
Bits
PS, PF
tDEP_MON_TH
Deployment current
monitor timer threshold
tDEP_MON_TH_RES *
DEP_MON_THR
-
-
992
µs
PS, PF
EHS_DEPLOY_1
High side switch
deployment energy
capability
Single event, VPS = 27.3 V
IDEP = 1.91 A, tON = 1191 µs
RdsON_LS = 0 Ω, RWIRE = 0.1 Ω
RPYRO = 1.7 Ω, TJ,START = 135
°C
-
-
54.4
mJ
PS, PF
L9965P
Functional description
DS14702 - Rev 4
page 37/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com