Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 75 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 71Page - STMicroelectronics L9965P Datasheet HTML 72Page - STMicroelectronics L9965P Datasheet HTML 73Page - STMicroelectronics L9965P Datasheet HTML 74Page - STMicroelectronics L9965P Datasheet HTML 75Page - STMicroelectronics L9965P Datasheet HTML 76Page - STMicroelectronics L9965P Datasheet HTML 77Page - STMicroelectronics L9965P Datasheet HTML 78Page - STMicroelectronics L9965P Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 104 page
background image
Table 68. DEPLOY_CURRENT_MONITOR - 0x18
Field name
Type
Bit offset
Bit width
Reset value
Reset sources
Description
UNUSED
RO
0
1
0x0
nPOR_MAIN
DEP_CURR_MON
RO
0
9
0x0
nPOR_SLEEP
Deployment current monitor value
Table 69. TEMPERATURE - 0x19
Field name
Type Bit offset
Bit width
Reset value
Reset sources
Description
UNUSED
RO
8
2
0x0
nPOR_MAIN
TEMPERATURE_CODE
RO
0
8
0x0
nPOR_MAIN
Temperature conversion result
Table 70. CLIENT_NVM_REG_0 - 0x20
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset sources
Description
TRIM_ERBST_OV_FIRE_MSK
RW
9
1
0x0
nPOR_SLEEP
1 = Deployment inhibition from
ERBST_OV masked
TRIM_ERBST_OV_FAULTN_MSK RW
8
1
0x0
nPOR_SLEEP
1 = FAULTN assertion from
ERBST_OV masked
TRIM_FENL_PU_PD
RW
7
1
0x0
nPOR_SLEEP
0 = FENL pull-up enabled
1 = FENL pull-down enabled
TRIM_FENH_PU_PD
RW
6
1
0x0
nPOR_SLEEP
0 = FENH pull-up enabled
1 = FENH pull-down enabled
TRIM_FENL_FREQ
RW
5
1
0x0
nPOR_SLEEP
Selection of PWM frequency for
FENL:
0 = 125 kHz
1 = 16 kHz
TRIM_FENH_FREQ
RW
4
1
0x0
nPOR_SLEEP
Selection of PWM frequency for
FENH:
0 = 125 kHz
1 = 16 kHz
TRIM_FENL_LEVEL
RW
3
1
0x0
nPOR_SLEEP
Selection of active level for FENL:
0 = low value, 1 = high value
TRIM_FENH_LEVEL
RW
2
1
0x0
nPOR_SLEEP
Selection of active level for FENH:
0 = low value, 1 = high value
TRIM_FENL_EN
RW
1
1
0x0
nPOR_SLEEP
0 = FENL decoder disabled
1 = FENL decoder enabled
TRIM_FENH_EN
RW
0
1
0x0
nPOR_SLEEP
0 = FENH decoder disabled
1 = FENH decoder enabled
L9965P
Functional description
DS14702 - Rev 4
page 75/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com