Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 2Page - STMicroelectronics L9965P Datasheet HTML 3Page - STMicroelectronics L9965P Datasheet HTML 4Page - STMicroelectronics L9965P Datasheet HTML 5Page - STMicroelectronics L9965P Datasheet HTML 6Page - STMicroelectronics L9965P Datasheet HTML 7Page - STMicroelectronics L9965P Datasheet HTML 8Page - STMicroelectronics L9965P Datasheet HTML 9Page - STMicroelectronics L9965P Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
2
Product ratings
2.1
Thermal ratings
Table 2. Thermal ratings
Symbol
Parameter
Test condition
Min Typ Max Unit
TAMB
Operating and testing temperature
-40
-
125
°C
TJ
Junction temperature for all parameters
-40
-
150
°C
TSTG
Storage temperature
-40
-
150
°C
RTH_ja,TQFP
Junction to ambient thermal resistance, TQFP32
package
According JEDEC standard on
2s2p PCB
-
29.4
-
°C/W
RTH_ja,QFN
Junction to ambient thermal resistance, VFQFN32
package
According JEDEC standard on
2s2p PCB
-
35
-
°C/W
2.2
Electrical ratings
The following section describes the different operational ranges.
For each device pin:
•
Operating range (OR): within this range functions operate as specified and without parameter deviations.
All the device electrical parameters are tested and guaranteed in this range and are valid in the whole TJ
operating range, unless otherwise specified.
•
Absolute maximum rating range (AMR): within this range functions may not operate properly. However,
the IC will not be damaged. Exposure to AMR conditions for extended periods may affect device reliability.
Exceeding any AMR may cause permanent damage to the integrated circuit.
Note:
•
Currents are noted with a positive sign when flowing into a pin.
•
Integrated protections and diagnostics are designed to prevent device destruction under the fault
conditions described in the specification. Fault conditions are considered to be out of normal operating
range. Protection functions are not designed for continuous repetitive operation.
L9965P
Product ratings
DS14702 - Rev 4
page 6/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com