Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 29Page - STMicroelectronics L9965P Datasheet HTML 30Page - STMicroelectronics L9965P Datasheet HTML 31Page - STMicroelectronics L9965P Datasheet HTML 32Page - STMicroelectronics L9965P Datasheet HTML 33Page - STMicroelectronics L9965P Datasheet HTML 34Page - STMicroelectronics L9965P Datasheet HTML 35Page - STMicroelectronics L9965P Datasheet HTML 36Page - STMicroelectronics L9965P Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 104 page
background image
3.6.1.6
FENH/FENL electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted: all supplies
according to the Table 3; TJ according to the Table 2.
Table 21. FENH/FENL decoder electrical parameters
Symbol
Parameter
Test condition
Min
Typ Max
Unit
Pin
tFENX_DEGLITCH_00
FENH/FENL input level
deglitch filter
FENX_DEGLITCH = 00
-
20
-
µs
FENH,
FENL
tFENX_DEGLITCH_01
FENX_DEGLITCH = 01
-
80
-
µs
FENH,
FENL
tFENX_DEGLITCH_10
FENX_DEGLITCH = 10
-
320
-
µs
FENH,
FENL
tFENX_DEGLITCH_11
FENX_DEGLITCH = 11
-
1280
-
µs
FENH,
FENL
NFENX_FAULT_PERIOD_00
FENH/FENL PWM
periods deglitch filter
FENX_FAULT_PERIOD = 00
-
2
-
periods
FENH,
FENL
NFENX_FAULT_PERIOD_01
FENX_FAULT_PERIOD = 01
-
8
-
periods
FENH,
FENL
NFENX_FAULT_PERIOD_10
FENX_FAULT_PERIOD = 10
-
32
-
periods
FENH,
FENL
NFENX_FAULT_PERIOD_11
FENX_FAULT_PERIOD = 11
-
128
-
periods
FENH,
FENL
fFENx_PWM_FREQ_0
FENH/FENL decoder
frequency in PWM
mode
FENx_FREQ = 0
-
125
-
kHz
FENH,
FENL
fFENx_PWM_FREQ_1
FENx_FREQ = 1
-
16
-
kHz
FENH,
FENL
tFENx_PWM_PERIOD_0
FENH/FENL decoder
period in PWM mode
FENx_FREQ = 0
-
8
-
µs
FENH,
FENL
tFENx_PWM_PERIOD_1
FENx_FREQ = 1
-
62.5
-
µs
FENH,
FENL
tFENx_PWM_PERIOD_TH_0L FENH/FENL period
monitor low threshold
(PWM low frequency)
FENx_FREQ = 0
13
-
-
µs
FENH,
FENL
tFENx_PWM_PERIOD_TH_1L
FENx_FREQ = 1
99
-
-
µs
FENH,
FENL
tFENx_PWM_PERIOD_TH_0H FENH/FENL period
monitor high threshold
(PWM high frequency)
FENx_FREQ = 0
-
-
4
µs
FENH,
FENL
tFENx_PWM_PERIOD_TH_1H
FENx_FREQ = 1
-
-
38
µs
FENH,
FENL
tFENx_PWM_PERIOD_TH_0T FENH/FENL period
monitor timeout
threshold (in tracking
with low threshold)
FENx_FREQ = 0
20
-
-
µs
FENH,
FENL
tFENx_PWM_PERIOD_TH_1T
FENx_FREQ = 1
159
-
-
µs
FENH,
FENL
tON_FAULT_0L
FENH/FENL valid on-
time range for low
signal at high PWM
FENx_MODE = 1, FENx_FREQ
= 0 and FENx_LEVEL = 0
1.5
2.0
3.9
µs
FENH,
FENL
tON_FAULT_0H
FENH/FENL valid on-
time range for high
signal at high PWM
FENx_MODE = 1, FENx_FREQ
= 0 and FENx_LEVEL = 1
4.7
6.0
8.2
µs
FENH,
FENL
tON_FAULT_1L
FENH/FENL valid on-
time range for low
signal at low PWM
FENx_MODE = 1, FENx_FREQ
= 1 and FENx_LEVEL = 0
11.4 15.6 30.6
µs
FENH,
FENL
L9965P
Functional description
DS14702 - Rev 4
page 33/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com