Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 9Page - STMicroelectronics L9965P Datasheet HTML 10Page - STMicroelectronics L9965P Datasheet HTML 11Page - STMicroelectronics L9965P Datasheet HTML 12Page - STMicroelectronics L9965P Datasheet HTML 13Page - STMicroelectronics L9965P Datasheet HTML 14Page - STMicroelectronics L9965P Datasheet HTML 15Page - STMicroelectronics L9965P Datasheet HTML 16Page - STMicroelectronics L9965P Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
Table 8. Device current consumption
Symbol
Parameter
Test condition
Min Typ Max Unit
VPOR_TH
POR threshold (sensed on ERBST pin)
-
-
4.7
V
IBASE_SLP0
Base current consumption of the device in
DEEP-SLEEP state (from VBATMON,
ERBSTSW, ERBST, ERDCHSW and PS)
-40 °C ≤ Tamb ≤ +85 °C
DEEP-SLEEP
-
-
10
µA
IBASE_SLP1
Base current consumption of the device in
DEEP-SLEEP state (from VBATMON,
ERBSTSW, ERBST, ERDCHSW and PS)
+85 °C ≤ Tamb ≤ +125 °C
+85 °C ≤ TJ ≤ +125 °C
DEEP-SLEEP
-
-
15
µA
IBASE_NORM
Base current consumption of the device in
NORMAL state with all resources enabled
(from VBATMON, ERBSTSW, ERBST,
ERDCHSW and PS)
NORMAL
-
-
2.4
mA
IBASE_DIAG
Base current consumption of the device in
DIAG state with all resources enabled
(from VBATMON, ERBSTSW, ERBST,
ERDCHSW and PS)
DIAG with no diagnostics active
-
-
2.4
mA
IDELTA_BOOST
Delta current when the boost controller is
in the duty-phase
NORMAL, DIAG, ARM, boost
charging the ER cap (excluding
boost charging current)
-
-
7.5
mA
IDELTA_ADC
Delta current when the voltage ADC is
enabled and continuously converting
NORMAL, ADC continuously
converting for on-demand
conversions
-
-
3.5
mA
IDELTA_ACT_PD_PR
Delta current when the PR active pull-
down is enabled
NORMAL, PR pull-down
enabled
-
-
0.2
mA
IDELTA_SS
Delta current when the spread spectrum is
enabled
NORMAL, spread spectrum
enabled
-
-
0.06 mA
IDELTA_NVM
Delta current when the NVM is
downloaded
NORMAL, NVM download
-
-
1
mA
IDELTA_ABIST
Delta current when the ABIST is running
DIAG, ABIST continuously
running
-
-
0.6
mA
IDELTA_HWSC
Delta current from ERBST when the
HWSC is running
DIAG, HSWC continuously
running
-
-
3.5
mA
IDELTA_VRCM_CHECK
Delta current when the VRCM check is
running
DIAG, VRCM check
continuously running (excluding
diagnostic currents)
-
-
4.2
mA
IDELTA_PYRO_LEAK_TEST
Delta current when the pyro outputs
leakage test is running
DIAG, pyro outputs leakage test
continuously running
-
-
3.5
mA
IDELTA_RES_MEAS
Delta current when the pyro igniter
resistance measurement is running
DIAG, Pyro igniter resistance
measurement continuously
running (excluding diagnostic
currents)
-
-
4.5
mA
IDELTA_FET_TEST
Delta current when the FETs test is
running
DIAG, Pyro deployment FETs
test continuously running
(excluding diagnostic currents)
-
-
3.5
mA
IDELTA_ER_CAP_DIAG
Delta current when the ER capacitor
diagnostic is running
DIAG, ER capacitor diagnostic
continuously running (excluding
diagnostic current sunk from
ERDCHSW)
-
-
2.5
mA
IVIO_BASE
Base current consumption from VIO pin
DEEP-SLEEP, SDO in HiZ
-
-
1
µA
IVIO_DELTA
Delta current consumption from VIO pin
with activity on FAULTN and SDO
NORMAL, DIAG, ARM
-
-
500
µA
L9965P
Functional description
DS14702 - Rev 4
page 13/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com