Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 10Page - STMicroelectronics L9965P Datasheet HTML 11Page - STMicroelectronics L9965P Datasheet HTML 12Page - STMicroelectronics L9965P Datasheet HTML 13Page - STMicroelectronics L9965P Datasheet HTML 14Page - STMicroelectronics L9965P Datasheet HTML 15Page - STMicroelectronics L9965P Datasheet HTML 16Page - STMicroelectronics L9965P Datasheet HTML 17Page - STMicroelectronics L9965P Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 104 page
background image
3.3
Power supply section
3.3.1
Main supply (ERBST)
The ERBST pin is the main supply. This line:
•
Feeds the internal VANA LDO used for biasing the analog circuitry.
•
Feeds the internal VDIG LDO used for biasing the digital circuitry.
•
Feeds the internal VSTBY LDO used for biasing the circuitry in DEEP-SLEEP.
The boost regulator is disabled by default and can be enabled via NVM setting the ERBST_EN bit to 1. Once the
boost regulator is enabled via NVM, it can be turned-off via the ERBST_DIS bit.
Once VERBST > VVBATMON - VERBST_DIS for t > tERBST_READY_FLT, the initial charge phase is over, the
ERBST_RDY bit in the ERBOOST register is set to 1 and the switching operation starts. This ensures the
presence of the external diode between VBATMON pin and ERBST pin. If VERBST < VVBATMON - VERBST_DIS after
tERBST_READY_FLT, the ERBST regulator is turned-off and the ERBST_RDY bit is set to 0.
Once started, the boost operates according to a bang-bang strategy, as shown in the Figure 4:
•
The controller is enabled and boosts the battery voltage whenever VERBST falls below the VER_WKUP_THX
voltage programmed in the VER_WKUP_TH bit field for an interval longer than tER_WKUP_FLT.
While in the duty phase, the IC is kept in NORMAL and any transition to DEEP-SLEEP is delayed until the
setpoint has been reached.
•
The controller is disabled whenever VERBST reaches the target VERBST_XXX setpoint.
This strategy guarantees high energy efficiency meantime the ER cap voltage is always charged for firing the
pyro-fuse. In fact, considering the typical range for CERBST capacitor, the boost controller spends most of the time
in the disabled state.
Figure 4. ERBST controller working principle
ERBST
BOOST
CTRL
ERBST_EN
DISA
BLED
ENABLED
DISABLED
ENABLED
DISABLED
tER_WKUP_FIL
VERBST_FOR_min
tERBST_STARTUP
0.9VERBST_XXX
tDISCHARGE
VERBST_XXX
VER_WKUP_THX
tCHARGE
ΔVDISCHARGE
To allow quick charging of the ER cap at every system startup, the boost controller has been designed to
guarantee a maximum tERBST_STARTUP startup time in the worst-case application scenario.
Moreover, the controller has been designed to limit the maximum power consumption to PIN_ERBST. It is possible
to enable this function through the PIN_LIMIT bit in NVM.
Note:
In applications where the power limitation is required, to limit the initial inrush current it is possible to mount the
resistor RCHG between the VBATMON pin and the ERBST inductor LERBST. Once the initial charge phase has
finished (VERBST > VVBATMON - VERBST_DIS), the ERBST_RDY bit is set to 1. The MCU can read this flag and
drive a GPIO to short the resistor RCHG.
It is possible to kept disabled the ERBST regulator setting ERBST_DIS=1 in the ERBOOST register.
L9965P
Functional description
DS14702 - Rev 4
page 14/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com