Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 17Page - STMicroelectronics L9965P Datasheet HTML 18Page - STMicroelectronics L9965P Datasheet HTML 19Page - STMicroelectronics L9965P Datasheet HTML 20Page - STMicroelectronics L9965P Datasheet HTML 21Page - STMicroelectronics L9965P Datasheet HTML 22Page - STMicroelectronics L9965P Datasheet HTML 23Page - STMicroelectronics L9965P Datasheet HTML 24Page - STMicroelectronics L9965P Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
3.4.3
Wake-up via peripheral SPI
The IC can be woken up by any valid SPI frame. A wake-up condition is acknowledged when the following pattern
is received:
1. A NCS high to low transition
2. 24 SCK pulses
3. A NCS low to high transition
To prevent the logic being stuck in the wake-up detection state upon incomplete patterns, the
tSPI_WAKEUP_TIMEOUT is started upon every NCS assertion, and the wake-up pattern shall end before timeout
expiration, otherwise it is discarded.
Wake-up frames are not decoded, so their content may be arbitrary.
Note:
It is strongly recommended to send READ commands to avoid inadvertent write operations in case the device is
already awake.
When a correct wake-up sequence is acknowledged, the event is latched in the SPI_WAKEUP bit located in the
INTERNAL_STATUS register. The latch-set pulse also triggers the start of the tSPI_COMM_TIMEOUT communication
timeout. Such a timer is intended to avoid the IC being left unintendedly in a high consumption power state in
case the controller is unresponsive:
•
The tSPI_COMM_TIMEOUT is reset and restarted in case a valid frame is received (no CRC error and correct
number of SCK pulses).
•
The tSPI_COMM_TIMEOUT is reset and stopped in case a high level is detected on CWUP. From that moment
on, moving the device to a low power state requires setting CWUP low.
Figure 5. Wake-up condition by peripheral SPI
VALID
NCS
DISCARDED
tSPI_WAKEUP_TIMEOUT
t=0
SCLK
24
3.4.3.1
SPI wake-up electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted: all supplies
according to the Table 3; TJ according to the Table 2.
Table 16. SPI electrical parameters
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
tSPI_WAKEUP_TIMEOUT
Timeout for receive of wake-up
frame
Guaranteed by SCAN
0.4
-
2
ms
NCS, SDI,
SDO, SCLK
tSPI_COMM_TIMEOUT
Communication timeout started
in case of wake-up via
peripheral SPI
Guaranteed by SCAN
-
2
-
s
NCS, SDI,
SDO, SCLK
tSPI_WAKEUP_TIME
IC wake-up latency
From the NCS low to high
transition to the IC in
NORMAL (full NVM
download)
-
-
1
ms
NCS, SDI,
SDO, SCLK
L9965P
Functional description
DS14702 - Rev 4
page 21/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com