Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 89 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 85Page - STMicroelectronics L9965P Datasheet HTML 86Page - STMicroelectronics L9965P Datasheet HTML 87Page - STMicroelectronics L9965P Datasheet HTML 88Page - STMicroelectronics L9965P Datasheet HTML 89Page - STMicroelectronics L9965P Datasheet HTML 90Page - STMicroelectronics L9965P Datasheet HTML 91Page - STMicroelectronics L9965P Datasheet HTML 92Page - STMicroelectronics L9965P Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
4.1.5
Bill of materials (BOM)
Referring to the Figure 16, Figure 29, Figure 30 and Figure 32, the Table 90 reports the bill of materials.
Table 90. Bill of materials (BOM)
Name
Component
Parameter
Min Typ Max Unit
TVS(1)
TVS diode (battery transient protection)
Breakdown voltage
-
33
-
V
CIN(1)
Input capacitor
Capacitance
-
1
-
µF
LERBST(1) ERBST inductor
Inductance
27
33
39
µH
DCR
-
-
1.5
Ω
DERBST(1) ERBST diode
Forward voltage
-
-
1.2
V
RDCH(1)
Discharge resistor
Resistance
-
68
-
Ω
CER1(1)
Primary energy reserve capacitor (electrolytic)
Capacitance
100
-
600
µF
ESR
100
-
500
mΩ
CER2(1)
Secondary energy reserve capacitor (electrolytic)
Capacitance
100
-
600
µF
ESR
100
-
500
mΩ
CVIO
VIO bypass capacitor
Capacitance
-
100
-
nF
RFAULTN
Pull-up resistor
Resistance
-
4.7
-
kΩ
CFAULTN
Bypass capacitor
Capacitance
-
-
1
nF
CPF
ESD/EMI capacitor
Capacitance
13
22
138
nF
CPR
ESD/EMI capacitor
Capacitance
13
22
138
nF
Pyro-fuse model
LWIRE
Pyro-fuse wire load inductance
Inductance
-
-
36
µH
LEMI
Pyro-fuse input EMI filter
Inductance
-
-
7.7
µH
RWIRE
Pyro-fuse wire load resistance
Resistance
-
-
1.1
Ω
CPYRO
Pyro-fuse differential capacitance between input contacts
Capacitance
-
-
100
nF
RPYRO
Pyro-fuse igniter resistance
Resistance
1.7
-
2.5
Ω
1. These components, based on application circuit, could not be mounted.
L9965P
Application scenarios
DS14702 - Rev 4
page 89/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com