Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 51Page - STMicroelectronics L9965P Datasheet HTML 52Page - STMicroelectronics L9965P Datasheet HTML 53Page - STMicroelectronics L9965P Datasheet HTML 54Page - STMicroelectronics L9965P Datasheet HTML 55Page - STMicroelectronics L9965P Datasheet HTML 56Page - STMicroelectronics L9965P Datasheet HTML 57Page - STMicroelectronics L9965P Datasheet HTML 58Page - STMicroelectronics L9965P Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
3.7.3
Diagnostic routine electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted: all supplies
according to the Table 3; TJ according to the Table 2.
Table 30. Diagnostic routine electrical parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
tDIAG_ROUTINE_PERIOD_00
Diagnostic routine
execution period in
NORMAL
DIAG_ROUTINE_PERIOD =
00
85
100
115
ms
-
tDIAG_ROUTINE_PERIOD_01
DIAG_ROUTINE_PERIOD =
01
255
300
345
ms
-
tDIAG_ROUTINE_PERIOD_10
DIAG_ROUTINE_PERIOD =
10
425
500
575
ms
-
tDIAG_ROUTINE_PERIOD_11
DIAG_ROUTINE_PERIOD =
11
595
700
805
ms
-
NCYCLE_00
Cyclic periodicity
configuration
<DIAG_X>_NCYCLE = 00
-
1
-
cycles
-
NCYCLE_01
<DIAG_X>_NCYCLE = 01
-
4
-
cycles
-
NCYCLE_10
<DIAG_X>_NCYCLE = 10
-
16
-
cycles
-
NCYCLE_11
<DIAG_X>_NCYCLE = 11
-
64
-
cycles
-
tABIST
ABIST duration
-
0.3
-
ms
-
ERRHWSC
ADC HWSC error
-52
-
52
LSB
PS, PF, PR,
PGND
tHWSC
HWSC time duration
-
1.5
-
ms
PS, PF, PR,
PGND
IPF_PU
PF pullup diagnostic
current
38
40
42
mA
PF
SRIPF_PU
PF pullup diag current
slew rate
150
200
250 µA/µs
PF
IPR_PD
PR pulldown
diagnostic current
50
75
100
mA
PR
VVRCM_REF
VRCM regulated
voltage
2.25
2.5
2.75
V
PF, PR
IVRCM_SOURCE_LIM
VRCM source current
limitation
-20
-
-10
mA
PF, PR
IVRCM_SINK_LIM
VRCM sink current
limitation
10
-
20
mA
PF, PR
tVRCM_LEAK_FLT
Deglitch filter time for
STB/STG detection
Guaranteed by SCAN
17
20
23
µs
PF, PR
tVRCM_CHECK
VRCM check time
duration
-
-
1.6
ms
PF, PR
ILEAK_SOURCE_TH
Leakage to ground
(STG) threshold for
VRCM regulator
57
-
145
µA
PF, PR
ILEAK_SINK_TH
Leakage to battery
(STB) threshold for
VRCM regulator
57
-
145
µA
PF, PR
RLEAK_TH
Equivalent leakage
resistance threshold
Application information
Detection is guaranteed below
minimum
No detection is guaranteed
above maximum
15
-
48
kΩ
PF, PR
L9965P
Functional description
DS14702 - Rev 4
page 55/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com