Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 48Page - STMicroelectronics L9965P Datasheet HTML 49Page - STMicroelectronics L9965P Datasheet HTML 50Page - STMicroelectronics L9965P Datasheet HTML 51Page - STMicroelectronics L9965P Datasheet HTML 52Page - STMicroelectronics L9965P Datasheet HTML 53Page - STMicroelectronics L9965P Datasheet HTML 54Page - STMicroelectronics L9965P Datasheet HTML 55Page - STMicroelectronics L9965P Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
Figure 26. ER cap discharge pins voltage profiles
t1
∆t1
∆VER
t1B
t1A
t2 t2B
t2A
Vstart
Vstart_t1+
Vstop
Vstop_t2-
∆tDCH
∆t2
VERBST
∆VESR_t1
∆VESR_t2
VERDCHSW
Vstart
Vstop
t0
RDCH*IDCH
To perform capacitance and ESR measurements, the device has two dedicated ADCs: one for voltages'
measurement, one for current measurement.
Before to run the diagnostic, the user should write:
•
Capacitance threshold via ERCAP_C_THR[7:0] bit field in NVM, precalculated by the user using the
following formula:
CμF="00"&ERCAP_C_THR7:0&"0000"×LSBC
RERDCHSW
(4)
•
ESR threshold via and ERCAP_ESR_THR[6:0] bit field in NVM, precalculated by the user using the
following formula:
ESRmΩ = ERCAP_ESR_THR7:0&"0000"
×LSBESR×RERDCHSW
1000
(5)
To reduce the noise during the measurement step, the ERBST is automatically disabled during the ER capacitor
diagnostic (see the Figure 27).
L9965P
Functional description
DS14702 - Rev 4
page 52/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com