Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 32Page - STMicroelectronics L9965P Datasheet HTML 33Page - STMicroelectronics L9965P Datasheet HTML 34Page - STMicroelectronics L9965P Datasheet HTML 35Page - STMicroelectronics L9965P Datasheet HTML 36Page - STMicroelectronics L9965P Datasheet HTML 37Page - STMicroelectronics L9965P Datasheet HTML 38Page - STMicroelectronics L9965P Datasheet HTML 39Page - STMicroelectronics L9965P Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 104 page
background image
3.6.2.5
Safe operating area
There is no constraint on the selection between different IDEPLOY_XX and tDEPLOY, so it is under user's
responsibility to prevent excessive thermal heating in the squib driver section by setting the deploy parameters
carefully.
The power stage has been sized according to the following recommended combinations:
•
IDEPLOY_00 and tDEPLOY = 1050 µs
Profile valid for 8.4 V ≤ VPS ≤ 27.3 V (VPS,min = 8.4 V considering max resistance contribute)
•
IDEPLOY_01 and tDEPLOY = 750 µs
Profile valid for 9.8 V ≤ VPS ≤ 27.3 V (VPS,min = 9.8 V considering max resistance contribute)
•
IDEPLOY_10 and tDEPLOY = 550 µs
Profile valid for 11.2 V ≤ VPS ≤ 27.3 V (VPS,min = 11.2 V considering max resistance contribute)
•
IDEPLOY_11 and tDEPLOY = 250 µs
Profile valid for 19.6 V ≤ VPS ≤ 27.3 V (VPS,min = 19.6 V considering max resistance contribute)
The power stage is not sized to stand a deployment event with PF pin shorted to ground. So, if this scenario is
expected, the maximum operating voltage on PS pin should be reduced accordingly to chosen deployment profile:
•
IDEPLOY_00 and tDEPLOY = 1050 µs
This profile is valid for 6 V ≤ VPS ≤ 23 V
•
IDEPLOY_01 and tDEPLOY = 750 µs
This profile is valid for 6 V ≤ VPS ≤ 23 V
•
IDEPLOY_10 and tDEPLOY = 550 µs
This profile is valid for 6 V ≤ VPS ≤ 22 V
•
IDEPLOY_11 and tDEPLOY = 250 µs
Not tolerated
The effective deployment time tDEP_EFF (time interval in which the deployment current value is above 90% of the
programmed target value IDEPLOY_xx) can be calculated as follows:
tDEP_EFF=tDEPLOY−tDEP_DLY=DEP_TIME_x×tDEPLOY_RES−tDEP_DLY
(2)
Where:
•
DEP_TIME_x * tDEPLOY_RES is the equivalent time of the programmed deployment duration counter value.
•
tDEP_DLY is the delay time between the actual receiving of the deployment start signal (SPI CS rising edge
or FENH and FENL acknowledge) and the rising deployment current value reaching 90% of the
programmed target value.
3.6.2.6
Deployment auto-retry
The IC offers the possibility of performing multiple fire attempts in case the first one fails:
•
The HS_RET_CFG bit field configures the maximum number of deployment attempts.
•
The HS_RET_DLY_CFG bit field configures the interval between consecutive retry attempts.
If one of the following conditions occurs, the auto-retry is stopped:
•
FIRE_GOOD is set following a successful deployment.
•
The maximum number of attempts (configured by HS_RET_CFG bit field) is exceeded without a successful
deployment.
The FIRE_GOOD_SEL = 11 case is useful in test case scenario where the Pyro igniter is replaced by a dummy
load: multiple deployments are performed and their number is limited by the configured maximum number of
retries.
Note:
The time between two retries is the bigger between the resistance measurement time and the interval time
defined by HS_RET_DLY_CFG bit field in NVM.
If, once reached the maximum number of attempts, the deployment condition is still present (FENH and FENL
signals still in active state), another retry routine is performed after a minimum delay time of tRET_ROUTINE_DLY.
The number of performed deployments is readable in the DEPLOY_CNT bit field in the DEPLOY_STATUS
register.
L9965P
Functional description
DS14702 - Rev 4
page 36/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com