Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 35Page - STMicroelectronics L9965P Datasheet HTML 36Page - STMicroelectronics L9965P Datasheet HTML 37Page - STMicroelectronics L9965P Datasheet HTML 38Page - STMicroelectronics L9965P Datasheet HTML 39Page - STMicroelectronics L9965P Datasheet HTML 40Page - STMicroelectronics L9965P Datasheet HTML 41Page - STMicroelectronics L9965P Datasheet HTML 42Page - STMicroelectronics L9965P Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
Symbol
Parameter
Test condition
Min
Typ Max
Unit
Pin
tHS_RET_11
HS delay between
retry attempts
HS_RET_DLY_CFG = 11
1.84
2
2.16
ms
PR,
PGND
tRET_ROUTINE_DLY
Delay between two
consecutive retry
routines
0.46
0.5 0.54
ms
PR,
PGND
IACT_PD_PR
PR active pull-down
current
0.7
1
1.3
mA
PR
3.7
Diagnostic routine
The IC integrates an intelligent controller designed to automatically perform diagnostic sweeps aimed at
guaranteeing the ASIL targets on deployment and non-deployment.
Figure 18. Diagnostic routine
ABIST
tABIST
HWSC
tHWSC
VRCM CHECK
tVRCM_CHECK
LEAK TEST
tLEAK_TEST
FET TEST
tFET_TEST
RES MEAS
tFET_CHECK
ER CAP DIAG
tER_CAP_DIAG
The diagnostic flow has been specifically designed to ensure that each step validates the circuitry necessary to
perform subsequent checks.
In case the routine detects a failure during any of the steps, it immediately stops, setting the corresponding fault
flag and asserting the FAULTN line. If there is a fault during ABIST step, the routine does not stop but the
corresponding fault flag is set and the FAULTN line is asserted.
3.7.1
Routine execution modes
Every time the routine is triggered, the FSM moves to the DIAG state.
There are two types of triggers available:
•
On-demand: triggered by MCU
•
Cyclic: autonomously triggered by an internal timer or triggered by an external CWUP pulse
The two execution modes are mutually exclusive: on-demand triggers cannot interrupt cyclic executions and vice-
versa.
3.7.1.1
On-demand
This strategy is available every time the IC is in a NORMAL state.
On-demand execution is triggered by MCU writing DIAG_START = 1 in the DIAG_CMD register and configuring
the steps to be executed in the same command frame:
1. Writing ABIST = 1 enables the ABIST (analog built-in self-test).
2. Writing ADC_HWSC = 1 enables the HWSC (hardware self-check).
3. Writing VRCM_LEAK_TEST = 1 enables the VRCM check and the pyro outputs leakage test.
4. Writing PYRO_RES = 1 enables the pyro igniter resistance measurement.
5. Writing FET_TEST = 1 enables the pyro deployment FETs test. This test includes the VRCM check and the
pyro outputs leakage test.
6. Writing ER_CAP = 1 enables the ER capacitor diagnostic.
During the diagnostic execution the SPI_DIAG_RUNNING bit is set to 1. Once the on-demand diagnostic is
completed, the SPI_DIAG_END bit is set to 1.
On-demand triggers do not increment the internal cycle counter whose value is stored in CYC_DIAG_NCYCLE bit
field in CYCLIC_DIAG_STATUS register.
3.7.1.2
Cyclic
This strategy is available in both full-power mode and low-power mode:
•
When in full power mode (CWUP = 1, static), the periodicity can be configured programming the
tDIAG_ROUTINE_PERIOD_XXX time.
•
When in low power mode (periodic CWUP triggers), the periodicity is given by the CWUP signal.
L9965P
Functional description
DS14702 - Rev 4
page 39/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com