Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 61 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 57Page - STMicroelectronics L9965P Datasheet HTML 58Page - STMicroelectronics L9965P Datasheet HTML 59Page - STMicroelectronics L9965P Datasheet HTML 60Page - STMicroelectronics L9965P Datasheet HTML 61Page - STMicroelectronics L9965P Datasheet HTML 62Page - STMicroelectronics L9965P Datasheet HTML 63Page - STMicroelectronics L9965P Datasheet HTML 64Page - STMicroelectronics L9965P Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 104 page
background image
3.9.2.2
Oscillators diagnostics electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted: all supplies
according to the Table 3; TJ according to the Table 2.
Table 35. Oscillator monitor electrical parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
ΔfMON_FAIL
Oscillator delta frequency threshold
Guaranteed by SCAN
22
-
38
%
tOSC_STUCK_TIMEOUT
Oscillator stuck detection timeout
Guaranteed by SCAN
-
2
-
ms
3.10
GPIOs
The device features the following GPIOs:
•
CWUP, FENH, FENL, SCK, NCS are digital inputs whose receivers are available in every device state.
•
SDI is a digital input whose receiver is available in DIAG, NORMAL and ARM states.
•
FAULTN is an open-drain whose output buffer is available in DIAG, NORMAL and ARM states.
•
SDO is a push-pull whose output buffer is available in DIAG, NORMAL and ARM states.
3.10.1
GPIOs electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted: all supplies
according to the Table 3; TJ according to the Table 2.
Table 36. GPIOs electrical parameters
Symbol
Parameter
Test condition
Min
Typ Max Unit
Pin
VGPIOH
GPIO high output value
SDO, ISOURCE = 2 mA
VVIO-0.4
-
-
V
SDO
VGPIOL
GPIO low output value
SDO, ISINK = 2 mA
-
-
0.4
V
SDO
tGPIO_RISE
GPIO rise time
SDO, 60 pF load
-
-
50
ns
SDO
tGPIO_FALL
GPIO fall time
SDO, 60 pF load
-
-
25
ns
SDO
VGPIOL_OD
GPIO low output value in
open-drain configuration
FAULTN, ISINK = 2 mA
-
-
0.4
V
FAULTN
RFAULTN_EXT_PU
FAULTN external pull-up
resistor for open-drain
configurations
Application information
-1%
4.7 +1%
kΩ
FAULTN
CFAULTN_EXT
FAULTN external bypass
capacitor
Application information,
including parasitics
-
-
1
nF
FAULTN
RGPIO_WK_PU
GPIO weak pull-up resistor
to 3.3 V
FENH_PU_PD = 1
FENL_PU_PD = 1, NCS
0.6
1.4
2.1
MΩ
FENH, FENL,
NCS
RGPIO_WK_PD
GPIO weak pull-down
resistor to GND
FENH_PU_PD = 0
FENL_PU_PD = 0
SCK, CWUP, SDI
0.6
1.4
2.1
MΩ
FENH, FENL,
SCK, CWUP,
SDI, AUX3,
AUX4
VGPIO_IN_HIGH GPIO high input level
FENH, FENL, NCS, SCK,
CWUP, SDI
2
-
-
V
FENH, FENL,
NCS, SCK,
CWUP, SDI
VGPIO_IN_LOW
GPIO low input level
FENH, FENL, NCS, SCK,
CWUP, SDI
-
-
0.7
V
FENH, FENL,
NCS, SCK,
CWUP, SDI
CGPIO_EXT
GPIO external bypass
capacitor
FENH, FENL, NCS, SCK,
CWUP, SDI
Application information,
including parasitics
-
-
100
pF
FENH, FENL,
NCS, SCK,
CWUP, SDI
L9965P
Functional description
DS14702 - Rev 4
page 61/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com