Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 12Page - STMicroelectronics L9965P Datasheet HTML 13Page - STMicroelectronics L9965P Datasheet HTML 14Page - STMicroelectronics L9965P Datasheet HTML 15Page - STMicroelectronics L9965P Datasheet HTML 16Page - STMicroelectronics L9965P Datasheet HTML 17Page - STMicroelectronics L9965P Datasheet HTML 18Page - STMicroelectronics L9965P Datasheet HTML 19Page - STMicroelectronics L9965P Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
Symbol
Parameter
Test condition
Min
Typ Max
Unit
Pin
VERBST_OV_HYS
ERBST overvoltage
hysteresis
Max slew rate = 2.3 V/ms
150
-
250
mV
ERBST
tERBST_OV_FLT
ERBST overvoltage
filter time
Tested by SCAN
17
20
21
us
ERBST
VERBST_000
ERBST regulated
voltage
ERBST_SET = 000
All operating lines and loads
16.92 18
19.08
V
ERBST
VERBST_001
ERBST_SET = 001
All operating lines and loads
17.86 19
20.14
V
ERBST
VERBST_010
ERBST_SET = 010
All operating lines and loads
18.80 20
21.20
V
ERBST
VERBST_011
ERBST_SET = 011
All operating lines and loads
19.74 21
22.26
V
ERBST
VERBST_100
ERBST_SET = 100
All operating lines and loads
20.68 22
23.32
V
ERBST
VERBST_101
ERBST_SET = 101
All operating lines and loads
21.62 23
24.38
V
ERBST
VERBST_110
ERBST_SET = 110
All operating lines and loads
22.56 24
25.44
V
ERBST
VERBST_111
ERBST_SET = 111
All operating lines and loads
NA
NA
NA
V
ERBST
VER_WKUP_TH0
ERBST cap discharge
threshold (in tracking
with VERBST_XXX
setpoint)
VER_WKUP_TH = 000
15.04 16
16.96
V
ERBST
VER_WKUP_TH1
VER_WKUP_TH = 001
15.98 17
18.02
V
ERBST
VER_WKUP_TH2
VER_WKUP_TH = 010
16.92 18
19.08
V
ERBST
VER_WKUP_TH3
VER_WKUP_TH = 011
17.86 19
20.14
V
ERBST
VER_WKUP_TH4
VER_WKUP_TH = 100
18.80 20
21.20
V
ERBST
VER_WKUP_TH5
VER_WKUP_TH = 101
19.74 21
22.26
V
ERBST
VER_WKUP_TH6
VER_WKUP_TH = 110
20.68 22
23.32
V
ERBST
VER_WKUP_TH7
VER_WKUP_TH = 111
NA
NA
NA
V
ERBST
tERBST_WKUP_FLT
ERBST discharge
comparator deglitch
Guaranteed by SCAN
17
20
21
µs
ERBST
PIN_ERBST
Boost input peak power
Input power limitation to
guarantee tERBST_STARTUP in
VIN = 6 V to 18 V range
1.8
-
2.6
W
ERBST
ηERBST
Boost efficiency
PIN_ERBST = PIN_ERBSTmax
VIN = 6 V
Guaranteed by design
0.6
-
-
W/W
ERBST,
ERBSTSW
fERBST
Switching frequency
Design info, taking in
consideration temperature and
external competent variations
1.6
-
2.4
MHz
ERBST
tERBST_ON_MIN
Minimum ON-time
Design info
80
-
ns
ERBSTSW
CERBST
External output
capacitor
Application info, including
component tolerance
0.1
-
1.2
mF
ERBST
CERBST_ESR
External output
capacitor ESR
Application info, including
component tolerance
100
-
500
mΩ
ERBST
L9965P
Functional description
DS14702 - Rev 4
page 16/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com