Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 98 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 98 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 94Page - STMicroelectronics L9965P Datasheet HTML 95Page - STMicroelectronics L9965P Datasheet HTML 96Page - STMicroelectronics L9965P Datasheet HTML 97Page - STMicroelectronics L9965P Datasheet HTML 98Page - STMicroelectronics L9965P Datasheet HTML 99Page - STMicroelectronics L9965P Datasheet HTML 100Page - STMicroelectronics L9965P Datasheet HTML 101Page - STMicroelectronics L9965P Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 104 page
background image
Revision history
Table 94. Document revision history
Date
Version
Changes
01-Aug-2024
1
Initial release.
12-Aug-2024
2
Minor text changes in Section 6.1: VFQFN32 (5x5x0.9 mm 32+4L WETT.
FLANKS) package information.
10-Jan-2025
3
Updated Section 3.5, Section 3.7.2.1, Table 23, Table 27, Section 3.14.2.1,
and Section 6.1.
Minor text changes.
10-Jun-2025
4
References to FOR removed from Section 2.2.
IDELTA_PR_PD parameter changed in IDELTA_ACT_PD_PR and its description
updated.
Power cycle means CWUP toggle:Table 9 and Table 34 modified.
Two notes added in Section 3.6.1.1.
IDP_PR parameter changed in IACT_PD_PR and its description updated.
Note added in Section 3.7.2.1.
Section 3.7.2.7 modified: ERDCHSW_OV pulls low the FAULTN pin; detailed
description of ER cap diag removed.
Section 3.14.2.1: note added, DIAG_CMD description updated.
Added references to nPOR_SLEEP and nPOR_MAIN in Section 3.18.1.
Added references to Application Notes in Section 4.1.
Minor typo fixed.
L9965P
DS14702 - Rev 4
page 98/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com