Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 14Page - STMicroelectronics L9965P Datasheet HTML 15Page - STMicroelectronics L9965P Datasheet HTML 16Page - STMicroelectronics L9965P Datasheet HTML 17Page - STMicroelectronics L9965P Datasheet HTML 18Page - STMicroelectronics L9965P Datasheet HTML 19Page - STMicroelectronics L9965P Datasheet HTML 20Page - STMicroelectronics L9965P Datasheet HTML 21Page - STMicroelectronics L9965P Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
3.3.2
Power stage supply (PS)
The PS pin is the power stage supply input. This line:
•
Feeds the level shifters between the signal stage and the power stage.
•
Feeds the HS circuitry of the power stage.
3.3.2.1
PS diagnostics
Table 11. PS diagnostics
Fault
type
Assertion condition
IC reaction to
assertion
Release condition
IC reaction to
flag clear
Maskable
PS UV
If the VPS voltage falls
below VPS_UV_TH, the
PS_UV fault is
acknowledged
The PS_UV flag is
set
FAULTN line is
asserted
The “fire inhibit”
signal is set
If the VPS voltage
rises above VPS_UV
_TH + VPS_UV _HYS,
the PS_UV flag can
be cleared by MCU
FAULTN line is
released
Pyro-fuse fire is
possible again
Non-maskable
PS OV
If the VPS voltage
rises above
VPS_OV_TH, the
PS_OV fault is
acknowledged
The PS_OV flag is
set
FAULTN line is
asserted
The “fire inhibit”
signal is set
If the VPS voltage
drops below VPS_OV
_TH - VPS_OV _HYS, the
PS_OV flag can be
cleared by MCU
FAULTN line is
released
Pyro-fuse fire is
possible again
PS_OV_FAULTN_MSK
masks fault redirection on
FAULTN pin
PS_OV_FIRE_MSK masks
the inhibition of pyro-fuse fire
commands
3.3.2.2
PS electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted: all supplies
according to the Table 3; TJ according to the Table 2.
Table 12. PS supply electrical parameters
Symbol
Parameter
Test condition
Min
Typ Max Unit Pin
VPS_UV_TH
PS undervoltage threshold
Max slew rate = 2.3 V/ms
4.7
-
5.3
V
PS
VPS_UV_HYS PS undervoltage hysteresis
Max slew rate = 2.3 V/ms
150
-
250
mV
PS
tPS_UV_FLT
PS undervoltage filter time
Tested by SCAN
17
20
21
µs
PS
VPS_OV_TH
PS overvoltage threshold
Considering max nom value of 26 V + 5%
Max slew rate = 2.3 V/ms
27.4
-
31.1
V
PS
VPS_OV_HYS PS overvoltage hysteresis
Max slew rate = 2.3 V/ms
150
-
250
mV
PS
tPS_OV_FLT
PS overvoltage filter time
Tested by SCAN
17
20
21
µs
PS
3.3.3
IO output buffer supply (VIO)
The VIO pin is the digital output buffer supply. This line feeds the SDO output buffer. It is suggested to add a
bypass ceramic capacitor near the VIO pin.
The VIO shall be supplied externally and it enables compatibility with both 3.3 V and 5 V controllers.
There is no diagnostic on the VIO supply.
L9965P
Functional description
DS14702 - Rev 4
page 18/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com