Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 22Page - STMicroelectronics L9965P Datasheet HTML 23Page - STMicroelectronics L9965P Datasheet HTML 24Page - STMicroelectronics L9965P Datasheet HTML 25Page - STMicroelectronics L9965P Datasheet HTML 26Page - STMicroelectronics L9965P Datasheet HTML 27Page - STMicroelectronics L9965P Datasheet HTML 28Page - STMicroelectronics L9965P Datasheet HTML 29Page - STMicroelectronics L9965P Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
3.6.1
Signal stage (FENH/FENL/SPI)
The IC has two digital inputs, FENH and FENL, whose signals are treated by two different decoders to generate
the driving stimulus for the HS and LS switches.
Additionally, the switches can be triggered by dedicated SPI commands.
The FENH/FENL/SPI decoders are only available in DIAG, NORMAL and ARM states, while in DEEP-SLEEP
they are disabled, since FENH/FENL/SPI may only be used as wake-up sources.
3.6.1.1
FENH/FENL decoders configuration
The two decoders can be individually enabled by setting FENH_EN = 1 and FENL_EN = 1. When disabled, their
output is always in the inactive state (no trigger).
Before being input to the digital decoders, the FENH/FENL inputs are always pre-filtered by an analog stage
(tFENx_FLT) to prevent noise from altering the decoding process.
Each decoder can be configured in different modes:
•
FENH_MODE/FENL_MODE = 0 sets the level-based decoding
–
A programmable deglitch filter tFENx_DEGLITCH helps to filter out unwanted spikes on the trigger
inputs. The deglitch value is valid for both FENH and FENL inputs.
–
When the FENL/FENH deglitched signal holds the active level, an arming condition is acknowledged
on the corresponding branch.
•
FENH_MODE/FENL_MODE = 1 sets the PWM-based decoding. The PWM-based encoding allows the
L9965P continuously monitoring the status of the trigger lines, being capable of detecting frequency drifts
and stuck-at faults in real-time, as described in the Section 3.6.1.2: FENH/FENL integrity check.
The decoder frequency can be selected between two options:
–
FENH_FREQ/FENL_FREQ = 0 sets the 125 kHz option
–
FENH_FREQ/FENL_FREQ = 1 sets the 16 kHz option
The programmable NFENx_FAULT_PERIOD up/down counter is used to deglitch the PWM periods. The
counter value is valid for both FENH and FENL inputs. The counter output behaves as follows:
–
In case it reaches the programmed threshold, it saturates and an arming condition is acknowledged
on the corresponding branch.
–
In case the output value is less than the programmed threshold, the arming is released.
The FENH/FENL active state is configured through FENH_LEVEL/FENL_LEVEL bits:
•
FENH_LEVEL = FENL_LEVEL = 0 sets the active state to:
–
Low level in case of level-based decoding (FENx_MODE = 0)
–
tON_FAULT_0L low on-time in case of PWM-based decoding (FENx_MODE = 1) and high frequency
selected (FENx_FREQ = 0)
–
tON_FAULT_1L low on-time in case of PWM-based decoding (FENx_MODE = 1) and low frequency
selected (FENx_FREQ = 1)
•
FENH_LEVEL = FENL_LEVEL = 1 sets the active state to:
–
High level in case of level-based decoding (FENx_MODE = 0)
–
tON_FAULT_0H high on-time in case of PWM-based decoding (FENx_MODE = 1) and high frequency
selected (FENx_FREQ = 0)
–
tON_FAULT_1H high on-time in case of PWM-based (FENx_MODE = 1) decoding and low frequency
selected (FENx_FREQ = 1)
Note:
To be robust against common cause failures, it is recommended to apply complementary active states to FENH
and FENL.
Having selected the active states, the FENH/FENL internal pull-up/pull-down resistors can be programmed
accordingly to manage the Hi-Z input condition:
•
FENH_PU_PD/FENL_PU_PD = 0 enables the internal pull-up to the 3.3 V internal regulator.
•
FENH_PU_PD/FENL_PU_PD = 1 enables the internal pull-down to GND.
Note:
To prevent inadvertent trigger generation in case of pin loss, it is recommended to select the internal pull-up/pull-
down configuration which leads the input signal to the inactive state in case of FENH/FENL pin loss.
The decoder output normally holds the inactive level. The block generates an active output level (delayed if delay
is set) whenever the switches need to be turned ON in response to a valid trigger detected on FENH/FENL.
L9965P
Functional description
DS14702 - Rev 4
page 26/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com