Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 51 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 47Page - STMicroelectronics L9965P Datasheet HTML 48Page - STMicroelectronics L9965P Datasheet HTML 49Page - STMicroelectronics L9965P Datasheet HTML 50Page - STMicroelectronics L9965P Datasheet HTML 51Page - STMicroelectronics L9965P Datasheet HTML 52Page - STMicroelectronics L9965P Datasheet HTML 53Page - STMicroelectronics L9965P Datasheet HTML 54Page - STMicroelectronics L9965P Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 104 page
background image
Figure 25. ER cap discharge path
RDCH
ESR
CER
ERBST
ERDCHSW
RDSON_ERDCHSW
IDCH
DV
C
The ER discharge switch is an integrated switch that creates a low-ohmic path between the ER capacitor
connected to ERDCHSW pin and ground. In the standard application scenario with ERBST mounted, the
ERDCHSW is externally connected to the ER capacitor with an external resistor (RDCHG). So, this resistor defines
the current used during the discharge phase of the ER capacitor diagnostic.
The ER discharge switch can also be controlled via SPI with the ERDCHSW_EN bit located in the ERCAP
register.
The ERDCHSW_EN bit is set by the microcontroller but it is automatically cleared and ERDCHSW is disabled
when the energy stored in the ER cap is needed as energy reserve:
•
For the device itself when it enters the DEEP-SLEEP state.
•
For deployment event when the IC enters ARM state.
•
For ER cap diagnostic when the IC enters DIAG state.
Note:
There is no constraint between the ERBST enable and the ERDCHSW enable, so it is under the user's
responsibility to prevent a possible conflict and avoid an excessive thermal heating in the integrated ER
discharge switch.
The ER discharge switch has an overcurrent protection feature performed through a voltage comparator that
monitors the VDS voltage of the switch. When the voltage on ERDCHSW pin exceeds VERDCHSW_OV_H for a time
longer than tERDCHSW_FLT, the switch is disabled, the FAULTN pin goes low and the ERDCHSW_OV bit in the
ERCAP register is set to 1. The switch is reenabled if the voltage on ERDCHSW pin is lower than
VERDCHSW_OV_L for a time longer than tERDCHSW_FLT (fault is considered as disappeared) and the
ERDCHSW_OV bit is read and cleared.
Referring to a simplified schematic of the Figure 25, typical VERBST and VERDCHSW discharge profiles are shown
in the Figure 26.
L9965P
Functional description
DS14702 - Rev 4
page 51/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com