Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 58 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 54Page - STMicroelectronics L9965P Datasheet HTML 55Page - STMicroelectronics L9965P Datasheet HTML 56Page - STMicroelectronics L9965P Datasheet HTML 57Page - STMicroelectronics L9965P Datasheet HTML 58Page - STMicroelectronics L9965P Datasheet HTML 59Page - STMicroelectronics L9965P Datasheet HTML 60Page - STMicroelectronics L9965P Datasheet HTML 61Page - STMicroelectronics L9965P Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 104 page
background image
3.8.1
Measurement trigger modes
The ADC supports three different conversion execution modes:
•
On-Demand, triggered by MCU writing ADC_CONV_CMD bit equal to 1 and configuring the input channel
with the AMUX_CONF bit field in the same command frame (see the Table 31):
–
This type of request does not move the FSM to DIAG state.
–
Results of the on-demand ADC conversions are available in the ADC_CONV_RESULT register when
ADC_CONV_RDY bit is set to 1.
–
If the ADC is just busy, the ADC_BUSY bit is set to 1.
•
Cyclically:
–
In full-power mode (CWUP = 1, static), the diagnostic routine runs every tDIAG_ROUTINE_PERIOD. The
voltage ADC is involved in some diagnostic steps (if such steps are enabled).
–
In low-power mode (periodic CWUP pulses), the diagnostic routine is executed at every wake
‑up.
–
These types of requests move the FSM to DIAG state.
•
Asynchronously:
–
If the FSM moves to the ARM state, the ADC is used for post-deployment resistance measurement if
selected as the FIRE_GOOD source.
–
The result of this conversion is reported in the RES_MEAS_POST register.
Conflict between multiple triggers is managed as follows:
•
If the FSM is in DIAG state (either triggered by CWUP in low-power mode or triggered by the MCU in full-
power mode), on-demand triggers are discarded.
Note:
When in low-power mode, the FSM moves to DIAG upon cyclic powerups. Hence, the cyclic execution of
the diagnostic routine is guaranteed by design.
•
If an on-demand conversion is being performed, the cyclic execution of the diagnostic routine is skipped
and it will be performed upon the next useful trigger period.
•
In any case, if the FSM moves to the ARM state, any ongoing conversion is interrupted and the ADC will be
set up for post-deployment resistance measurement. This deployment trigger has the highest priority.
Table 31. ADC input channel selection for on-demand conversions
AMUX_CONF
Channel
000
PS vs PGND
001
PF vs PGND
010
PR vs PGND
011
PF vs PR (high resolution - pre deployment)
100
PF vs PR (low resolution - post deployment)
101
ERBST vs GNDx
110
VRCM vs PGND
111
Not used
The ADC LSB is rescaled according to the selected channel and to the diagnostic steps.
L9965P
Functional description
DS14702 - Rev 4
page 58/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com