Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 1 Page - STMicroelectronics

  L9965P Datasheet HTML 1Page - STMicroelectronics L9965P Datasheet HTML 2Page - STMicroelectronics L9965P Datasheet HTML 3Page - STMicroelectronics L9965P Datasheet HTML 4Page - STMicroelectronics L9965P Datasheet HTML 5Page - STMicroelectronics L9965P Datasheet HTML 6Page - STMicroelectronics L9965P Datasheet HTML 7Page - STMicroelectronics L9965P Datasheet HTML 8Page - STMicroelectronics L9965P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
Features
•
AEC-Q100 grade 1 qualified
•
Full ISO26262 compliant, ASIL-D systems ready
•
Very low power consumption:
–
Less than 10 μA in deep-sleep mode (only trigger detection enabled)
–
Less than 4 mA in low-power mode (trigger detection enabled, ER boost
recharge active, cyclic diagnostics every 100 ms)
•
Boost regulator to charge Energy Reserve (ER) with bang-bang control to
reduce consumption
•
FENH/FENL digital input triggers, compatible to level or PWM signals (16 kHz
and 125 kHz), with line integrity check feature
•
Autonomous cyclic diagnostic routine to ensure detection of all failures which
may prevent safe deployment and/or cause inadvertent deployment
•
Programmable deployment profile: current value and time duration can be
adapted to different pyro-fuse igniters
•
Firing strategy supporting multiple retry attempts based on user-selectable
FIRE_GOOD signal
•
Embedded NVM for configuration parameters storage and runtime
configuration integrity check
•
Easy integration with L9965C companion CSA, implementing many of the
safety mechanisms needed to achieve ASIL targets, thus allowing easy
L9965P plug and play in the system
•
Pyro-fuse deployment available down to a minimum operating battery voltage
of 6 V
•
24-bit peripheral SPI for direct MCU/L9965C interface
•
Compatible with pyro-fuses certified according LV-16 and USCAR-28
Application
•
High voltage battery packs for BEVs and PHEVs
•
Backup energy storage systems and UPS
Description
L9965P is an automotive-grade single channel pyro-fuse driver capable to break high
voltage battery line quickly and reliably in case of short circuit or car crash.
To accomplish this function, the device features a dual FET output stage made of a
HS and a LS powerMOS. The stage is equipped with a closed loop current feedback
and can be configured to deliver controlled firing profiles programming both current
value and time duration.
Moreover, the power stage is able to perform a defined number of auto-retry attempts
based on the success or not of the deployment.
The device embeds a programmable firing logic allowing to generate the trigger
signal from two SPI commands or from two digital inputs (FENH/FENL).
VFQFN32+4L
5x5x0.9 mm
TQFP32L
7x7x1 mm
Product status link
L9965P
Product summary
Order code
Package
Packing
L9965P
‑FN
VFQFN32
Tray
L9965P
‑FN‑TR
Tape and
reel
L9965P
‑FP
TQFP32L
Tray
L9965P
‑FP‑TR
Tape and
reel
Product labels
Automotive single channel pyro-fuse driver
L9965P
Datasheet
DS14702 - Rev 4 - June 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9965P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9965T STMICROELECTRONICS-L9965T Datasheet
5Mb / 62P
Automotive SPI to isolated SPI transceiver
09-Sep-2025
L9965T-TR STMICROELECTRONICS-L9965T-TR Datasheet
5Mb / 62P
Automotive SPI to isolated SPI transceiver
09-Sep-2025
L9965TS STMICROELECTRONICS-L9965TS Datasheet
5Mb / 62P
Automotive SPI to isolated SPI transceiver
09-Sep-2025
L9965TS-TR STMICROELECTRONICS-L9965TS-TR Datasheet
5Mb / 62P
Automotive SPI to isolated SPI transceiver
09-Sep-2025
More results

Similar Description - L9965P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
Single channel high side driver for automotive applications
13-Sep-2007
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
Single channel high side driver for automotive applications
20-Sep-2013
logo
Texas Instruments
TPS92601-Q1 TI1-TPS92601-Q1_16 Datasheet
1Mb / 47P
Single- and Dual-Channel Automotive Headlight LED Driver
TPS92610-Q1 TI1-TPS92610-Q1 Datasheet
2Mb / 25P
Automotive Single-Channel LED Driver
TPS92610-Q1 TI1-TPS92610-Q1_17 Datasheet
3Mb / 29P
Automotive Single-Channel Linear LED Driver
TPS92611-Q1 TI1-TPS92611-Q1 Datasheet
2Mb / 24P
Automotive Single-Channel Linear LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
Automotive Single-Channel LED Driver
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
Automotive Single-Channel LED Driver
TPS92613-Q1 TI1-TPS92613-Q1_V01 Datasheet
1Mb / 28P
TPS92613-Q1 Automotive Single-Channel LED Driver
DRV3901-Q1 TI-DRV3901-Q1 Datasheet
1Mb / 16P
DRV3901-Q1 Single Channel Squib Driver For Automotive EV Pyro-Fuse
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com