Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 5 Page - STMicroelectronics

  L9965P Datasheet HTML 1Page - STMicroelectronics L9965P Datasheet HTML 2Page - STMicroelectronics L9965P Datasheet HTML 3Page - STMicroelectronics L9965P Datasheet HTML 4Page - STMicroelectronics L9965P Datasheet HTML 5Page - STMicroelectronics L9965P Datasheet HTML 6Page - STMicroelectronics L9965P Datasheet HTML 7Page - STMicroelectronics L9965P Datasheet HTML 8Page - STMicroelectronics L9965P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
Table 1. Pin function
#
Name
Function
Internal PU/PD
Type
1
CWUP
Cyclic wake-up input
PD
Local
2
GND2
Ground pin
-
Global
3
FAULTN
Open-drain fault output pin
-
Local
4
AUX1
Short to ground in application
-
Local
5
NCS
SPI chip select
PU
Local
6
SCLK
SPI clock
PD
Local
7
SDI
SPI data in (MOSI)
PD
Local
8
SDO
SPI data out (MISO)
-
Local
9
VIO
Digital output buffer supply input
-
Local
10
AUX2
Short to ground in application
-
Local
11
TM
ST test mode pin, short to ground in application
PD
Local
12
GND1
Ground pin
-
Global
13
AUX3
Open in application
PD
Local
14
FENH
Fire enable high-side
PU/PD (configurable)
Local
15
AUX4
Open in application
PD
Local
16
FENL
Fire enable low-side
PU/PD (configurable)
Local
17
PGND
Pyro-fuse driver low-side ground
-
Local
18
NC
No connection
-
Local
19
PR
Pyro-fuse driver low-side output
-
Global
20
NC
No connection
-
Local
21
PF
Pyro-fuse driver high-side output
-
Global
22
NC
No connection
-
Local
23
PS
Pyro-fuse driver high-side supply
-
Global
24
NC
No connection
-
Local
25
ERDCHSW
Energy reserve discharge switch
-
Local
26
NC
No connection
-
Local
27
ERBST
Main supply/energy reserve boost output
-
Global
28
NC
No connection
-
Local
29
BSTGND
Energy reserve boost ground
-
Local
30
ERBSTSW
Energy reserve boost switching node
-
Local
31
NC
No connection
-
Local
32
VBATMON
Input battery monitor pin
-
Global
33
EP
Exposed pad: connect to GND
-
-
L9965P
Block diagram and pin description
DS14702 - Rev 4
page 5/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com