Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 28Page - STMicroelectronics L9965P Datasheet HTML 29Page - STMicroelectronics L9965P Datasheet HTML 30Page - STMicroelectronics L9965P Datasheet HTML 31Page - STMicroelectronics L9965P Datasheet HTML 32Page - STMicroelectronics L9965P Datasheet HTML 33Page - STMicroelectronics L9965P Datasheet HTML 34Page - STMicroelectronics L9965P Datasheet HTML 35Page - STMicroelectronics L9965P Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
3.6.1.5
FENH/FENL diagnostics
Table 20. FENH/FENL diagnostics
Fault
type
Assertion
condition
IC reaction to assertion
Release
condition
IC
reaction
to flag
clear
Maskable
FENx
high
frequency
When in PWM
mode
(FENx_MODE =
1) if the input
signal period
becomes lower
than high
threshold the high
frequency fault is
acknowledged
The FENx_HIGH_FREQ
flag is set
FAULTN line is asserted
NFENx_FAULT_PERIOD
counter is decremented
by 1
If the input
signal
period
becomes
lower than
high
threshold
the fault flag
can be
cleared by
MCU
FAULTN
line is
released
FENx_MODE = 0 masks diagnostic
execution. When disabled, the
FENx_HIGH_FREQ flag can always be
cleared by the MCU.
FENX_HIGH_FREQ_FAULTN_MSK
masks fault redirection on FAULTN pin
FENx low
frequency
When in PWM
mode
(FENx_MODE =
1) if the input
signal period is
between low and
timeout
thresholds the low
frequency fault is
acknowledged
The FENx_LOW_FREQ
flag is set
FAULTN line is asserted
NFENx_FAULT_PERIOD
counter is decremented
by 1
If the input
signal
period
becomes
higher than
low
threshold
the fault flag
can be
cleared by
MCU
FAULTN
line is
released
FENx_MODE = 0 masks diagnostic
execution. When disabled, the
FENx_LOW_FREQ flag can always be
cleared by the MCU.
FENX_LOW_FREQ_FAULTN_MSK
masks fault redirection on FAULTN pin
FENx
timeout in
PWM
mode
When in PWM
mode
(FENx_MODE =
1) if the input
signal period
becomes lower
than timeout
threshold the
PWM timeout
fault is
acknowledged
The
FENx_PWM_TIMEOUT
flag is set
FAULTN line is asserted
NFENx_FAULT_PERIOD
counter is reset (but not
stopped)
If the input
signal
period
becomes
higher than
timeout
threshold
the fault flag
can be
cleared by
MCU
FAULTN
line is
released
FENx_MODE = 0 masks diagnostic
execution. When disabled, the
FENx_PWM_TIMEOUT flag can always
be cleared by MCU.
FENX_TIMEOUT_FAULTN_MSK
masks fault redirection on FAULTN pin
FENx
timeout in
level
mode
When in Level
mode
(FENx_MODE =
0), following a
FAULTN pulse,
the FENx input
signal is expected
to exhibit two
edges within
tFENx_TIMEOUT. If
this does not
happen, the level
timeout fault is
acknowledged
The
FENx_LEV_TIMEOUT
flag is set
FAULTN line is asserted
The fault
flag can
always be
cleared by
the MCU
FAULTN
line is
released
FENx_MODE = 1 masks diagnostic
execution. When disabled, the
FENx_LEV_TIMEOUT flag can always
be cleared by MCU.
FENx_INT_CHECK_EN = 0 masks
diagnostic execution. When disabled,
the FENx_LEV_TIMEOUT flag can
always be cleared by MCU.
FENX_TIMEOUT_FAULTN_MSK
masks fault redirection on FAULTN pin
L9965P
Functional description
DS14702 - Rev 4
page 32/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com