Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 11Page - STMicroelectronics L9965P Datasheet HTML 12Page - STMicroelectronics L9965P Datasheet HTML 13Page - STMicroelectronics L9965P Datasheet HTML 14Page - STMicroelectronics L9965P Datasheet HTML 15Page - STMicroelectronics L9965P Datasheet HTML 16Page - STMicroelectronics L9965P Datasheet HTML 17Page - STMicroelectronics L9965P Datasheet HTML 18Page - STMicroelectronics L9965P Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
3.3.1.1
ERBST diagnostics
Table 9. ERBST diagnostics
Fault type
Assertion condition
IC reaction to assertion
Release condition
IC reaction to flag
clear
Maskable
ERBST UV
If the VERBST voltage falls
below VERBST_UV_TH for
an interval longer than
tERBST_UV_FLT the ERBST
UV fault is acknowledged
The ERBST_UV flag is
set
FAULTN line is asserted
The “fire inhibit” signal is
set
If the VERBST voltage
rises above VERBST_UV
_TH + VERBST_UV _HYS,
the fault flag can be
cleared by MCU
FAULTN line is
released
Pyro-fuse fire is
possible again
Non-maskable
ERBST OV
If the VERBST voltage rises
above VERBST_OV_TH for
an interval longer than
tERBST_OV_FLT the ERBST
OV fault is acknowledged
The ERBST_OV flag is
set
FAULTN line is asserted
The ERBST is turned
OFF
The “fire inhibit” signal is
set
If the VERBST voltage
drops below VERBST_OV
_TH - VERBST_OV _HYS,
the fault flag can be
cleared by MCU
FAULTN line is
released
Pyro-fuse fire is
possible again
ERBST_OV_FAULTN_MSK
masks fault redirection on FAULTN
pin
ERBST_OV_FIRE_MSK masks
the inhibition of pyro-fuse fire
commands
ERBSTSW
OC
If the ERBSTSW current
raises above IERBST_OC
for NERBST_OC_COUNT
times the ERBST OC fault
is acknowledged
The ERBST_OC flag is
set
FAULTN line is asserted
The ERBST is turned
OFF
Power cycle (CWUP
toggle) is needed to
restart again
None
ERBSTSW_OC_FAULTN_MSK
masks fault redirection on FAULTN
pin
ERBSTSW
OT
If the ERSBSTW driver
temperature exceeds
TERBSTSW_SD for an
interval longer than
tERBSTSW_SD_FLT the
ERBST OT fault is
acknowledged
The ERBST_OT flag is
set
FAULTN line is asserted
The ERBST is turned
OFF
If the ERBSTSW driver
temperature drops
below TERBSTSW_SD -
TERBSTSW_SD _HYS, the
fault flag can be cleared
by MCU
ERBST re-enabled
FAULTN line is
released
ERBSTSW_OT_FAULTN_MSK
masks fault redirection on FAULTN
pin
ERBST
diode loss
If VERBSTSW-VERBST
voltage rises above the
VERBST_DLOSS_TH
threshold for
NERBST_DLOSS_COUNT
times, the external diode
loss failure is
acknowledged
The ERBST_DLOSS flag
is set
FAULTN line is asserted
The ERBST is turned
OFF
The ERBSTSW clamping
voltage is activated,
limiting the voltage value
to VERBSTSW_CLAMP
Power cycle (CWUP
toggle) is needed to
restart again
None
ERBST_DLOSS_FAULTN_MSK
masks fault redirection on FAULTN
pin
BSTGND
loss
See the
Section 3.13: Ground loss
monitor (GNDMON)
See the
Section 3.13: Ground
loss monitor (GNDMON)
See the
Section 3.13: Ground
loss monitor (GNDMON)
See the
Section 3.13: Ground
loss monitor
(GNDMON)
See the Section 3.13: Ground loss
monitor (GNDMON)
3.3.1.2
ERBST electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted: all supplies
according to the Table 3; TJ according to the Table 2.
Table 10. ERBST supply electrical parameters
Symbol
Parameter
Test condition
Min
Typ Max
Unit
Pin
VERBST_UV_TH
ERBST undervoltage
threshold
Max slew rate = 2.3 V/ms
4.7
-
5.3
V
ERBST
VERBST_UV_HYS
ERBST undervoltage
hysteresis
Max slew rate = 2.3 V/ms
50
-
150
mV
ERBST
tERBST_UV_FLT
ERBST undervoltage
filter time
Tested by SCAN
7
9
11
us
ERBST
VERBST_OV_TH
ERBST overvoltage
threshold
Considering max nom value of
26 V + 5%, max slew rate = 2.3
V/ms
27.4
-
31.1
V
ERBST
L9965P
Functional description
DS14702 - Rev 4
page 15/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com