Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 23Page - STMicroelectronics L9965P Datasheet HTML 24Page - STMicroelectronics L9965P Datasheet HTML 25Page - STMicroelectronics L9965P Datasheet HTML 26Page - STMicroelectronics L9965P Datasheet HTML 27Page - STMicroelectronics L9965P Datasheet HTML 28Page - STMicroelectronics L9965P Datasheet HTML 29Page - STMicroelectronics L9965P Datasheet HTML 30Page - STMicroelectronics L9965P Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 104 page
background image
Whenever one of the two signals FENH/FENL is detected as valid, the FSM moves to ARM state. If both FENH
and FENL are detected as valid, the deployment takes place as both HS and LS switches are closed.
It is possible to check the arming condition set by FENH and FENL reading the dedicated bits, respectively
FENH_ARM and FENL_ARM.
The deployment condition is latched: to ensure reliable deployment delivering a suitable amount of energy to the
igniter, an ongoing deployment (FIRE_RUNNING bit set to 1) cannot be interrupted even if the trigger conditions
disappear.
After the deployment is complete, whatever the outcome is (FIRE_END bit set to 1 if no faults occur,
FIRE_END_BY_FAULT bit se to 1 if a PS_OV or PGND_LOSS fault occurs), the device returns to NORMAL
state.
The Table 19 summarizes FENH/FENL decoder output according to the different configurations:
Table 19. FENx decoder output behavior
FENx_EN
FENx_MODE
FENx_LEVEL
FENx input (deglitched)
Decoder output
0
X
X
X
Low
1
0
0
0
High
1
0
0
1
Low
1
0
1
0
Low
1
0
1
1
High
1
1
0
25% duty
High
1
1
0
75% duty
Low
1
1
1
25% duty
Low
1
1
1
75% duty
High
L9965P
Functional description
DS14702 - Rev 4
page 27/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com