Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 34Page - STMicroelectronics L9965P Datasheet HTML 35Page - STMicroelectronics L9965P Datasheet HTML 36Page - STMicroelectronics L9965P Datasheet HTML 37Page - STMicroelectronics L9965P Datasheet HTML 38Page - STMicroelectronics L9965P Datasheet HTML 39Page - STMicroelectronics L9965P Datasheet HTML 40Page - STMicroelectronics L9965P Datasheet HTML 41Page - STMicroelectronics L9965P Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 104 page
background image
Symbol
Parameter
Test condition
Min
Typ Max
Unit
Pin
EHS_DEPLOY_2
High side switch
deployment energy
capability
Single event, VPS = 27.3 V
IDEP = 2.23 A, tON = 851 µs
RdsON_LS = 0 Ω, RWIRE = 0.1 Ω
RPYRO = 1.7 Ω, TJ,START = 135
°C
-
-
44.2
mJ
PS, PF
EHS_DEPLOY_3
Single event, VPS = 27.3 V
IDEP = 2.55 A, tON = 630 µs
RdsON_LS = 0 Ω, RWIRE = 0.1 Ω
RPYRO = 1.7 Ω, TJ,START = 135
°C
-
-
36.5
mJ
PS, PF
EHS_DEPLOY_4
Single event, VPS = 27.3 V
IDEP = 4.46 A, tON = 289 µs
RdsON_LS = 0 Ω, RWIRE = 0.1 Ω
RPYRO = 1.7 Ω, TJ,START = 135
°C
-
-
24.9
mJ
PS, PF
RdsON_HS
HS switch ON
resistance
ISINK = 100 mA
-
-
1
Ω
PS, PF
RdsON_LS
LS switch ON
resistance
ISOURCE = 100 mA
-
-
1
Ω
PR,
PGND
LWIRE
Pyro-fuse wire load
inductance
Application information
-
-
36
µH
PF, PR
LEMI
Pyro-fuse input EMI
filter
Application information
-
-
7.7
µH
PF, PR
RWIRE
Pyro-fuse wire load
resistance
Application information
-
-
1.1
Ω
PF, PR
CPYRO
Pyro-fuse differential
capacitance between
input contacts
Application information
-
-
100
nF
PF, PR
RPYRO
Pyro-fuse igniter
resistance
Application information
1.7
-
2.5
Ω
PF, PR
RPYRO_POST_0
Pyro-fuse igniter
resistance threshold
post deployment
VRES_POST_TH = 0
-
99
-
Ω
PF, PR
RPYRO_POST_1
VRES_POST_TH = 1
-
49
-
Ω
PF, PR
CESD
PF/PR PCB connector
input capacitance for
ESD/EMI
Application information
13
22
138
nF
PF, PR
NHS_RET_00
HS deployment
attempts
HS_RET_CFG = 00
-
1
-
times
PR,
PGND
NHS_RET_01
HS_RET_CFG = 01
-
2
-
times
PR,
PGND
NHS_RET_10
HS_RET_CFG = 10
-
3
-
times
PR,
PGND
NHS_RET_11
HS_RET_CFG = 11
-
4
-
times
PR,
PGND
tHS_RET_00
HS delay between
retry attempts
HS_RET_DLY_CFG = 00
0.46
0.5 0.54
ms
PR,
PGND
tHS_RET_01
HS_RET_DLY_CFG = 01
0.92
1
1.08
ms
PR,
PGND
tHS_RET_10
HS_RET_DLY_CFG = 10
1.38
1.5 1.62
ms
PR,
PGND
L9965P
Functional description
DS14702 - Rev 4
page 38/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com