Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P Datasheet(PDF) 93 Page - STMicroelectronics

Part # L9965P
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L9965P Datasheet HTML 89Page - STMicroelectronics L9965P Datasheet HTML 90Page - STMicroelectronics L9965P Datasheet HTML 91Page - STMicroelectronics L9965P Datasheet HTML 92Page - STMicroelectronics L9965P Datasheet HTML 93Page - STMicroelectronics L9965P Datasheet HTML 94Page - STMicroelectronics L9965P Datasheet HTML 95Page - STMicroelectronics L9965P Datasheet HTML 96Page - STMicroelectronics L9965P Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 104 page
background image
Table 92. VFQFN32 (5x5x0.9 mm 32+4L WETT. FLANKS) package mechanical data
Symbol
Dimensions in mm
Min.
Typ.
Max.
A
0.80
0.85
1.00
A1
0.00
0.02
0.05
A2
0.2 REF
A3
0.10
-
-
b
0.20
0.25
0.30
D
-
5.00
-
D2
3.55
3.60
3.65
e
-
0.5
-
E
-
5.00
-
E2
3.55
3.60
3.65
L
0.40
0.45
0.50
L1
0.30
0.35
0.40
L2
-
0.075
-
L3
0.37
0.42
0.47
k
0.20
-
-
N
32+4
Tolerance of form and position
aaa
0.10
bbb
0.10
ccc
0.08
ddd
0.05
eee
0.08
fff
0.10
L9965P
Package information
DS14702 - Rev 4
page 93/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com