Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 146 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 146 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 142Page - ams-OSRAM AG AS3722 Datasheet HTML 143Page - ams-OSRAM AG AS3722 Datasheet HTML 144Page - ams-OSRAM AG AS3722 Datasheet HTML 145Page - ams-OSRAM AG AS3722 Datasheet HTML 146Page - ams-OSRAM AG AS3722 Datasheet HTML 147Page - ams-OSRAM AG AS3722 Datasheet HTML 148Page - ams-OSRAM AG AS3722 Datasheet HTML 149Page - ams-OSRAM AG AS3722 Datasheet HTML 150Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 199 page
background image
ams Datasheet
Page 145
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 159:
PWM_vcontrol1
Figure 160:
PWM_vcontrol2
Addr:52h
PWM_vcontrol1
Bit
Bit Name
Default
Access
Bit Description
7vpwm1_step
0
RW
Select step size of PWM1 mode
0 : 10mV
1 : 20mV
6
vpwm1_on
0
RW_SM
Enable PWM1 control of SD0
0 : PWM1 control disabled
1 : PWM1 control enabled (if vpwm1_value is
reset, then PWM control is enabled after first
PWM1 interface word only)
5:0
vpwm1_vbase
0
RW
Base voltage register of SD0 from 0.6V to 1.1V in
10m steps
0 : 0.6 V
1 : 0.61 V
2 : 0.62 V
.. : ..
49 : 1.09 V
50 : 1.10 V
Addr:53h
PWM_vcontrol2
Bit
Bit Name
Default
Access
Bit Description
7vpwm2_step
0
RW
Select step size of PWM2 mode
0 : 10mV
1 : 20mV
6
vpwm2_on
0
RW_SM
Enable PWM2 control of SD6
0 : PWM2 control disabled
1 : PWM2 control enabled (if vpwm2_value is
reset, then PWM control is enabled after first
PWM2 interface word only)
5:0
vpwm2_vbase
0
RW
Base voltage register of SD6 from 0.6V to 1.1V in
10m steps
0 : 0.6 V
1 : 0.61 V
2 : 0.62 V
.. : ..
49 : 1.09 V
50 : 1.10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com