Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 148 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 148 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 144Page - ams-OSRAM AG AS3722 Datasheet HTML 145Page - ams-OSRAM AG AS3722 Datasheet HTML 146Page - ams-OSRAM AG AS3722 Datasheet HTML 147Page - ams-OSRAM AG AS3722 Datasheet HTML 148Page - ams-OSRAM AG AS3722 Datasheet HTML 149Page - ams-OSRAM AG AS3722 Datasheet HTML 150Page - ams-OSRAM AG AS3722 Datasheet HTML 151Page - ams-OSRAM AG AS3722 Datasheet HTML 152Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 199 page
background image
ams Datasheet
Page 147
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 163:
BBcharger
Addr:57h
BBcharger
Bit
Bit Name
Default
Access
Bit Description
7
BBCActive
0
RO
Status of backup battery charger
0 : Charger is not active
1 : Charger charges backup battery
6
BBCPwrSave
1
RW
0 : Normal operation of the backup battery
charger
1 : The backup battery charger checks if it is
actually charging the battery (bit BBCActive=1)
and it is disabled if it is not. Every 10s (every 64s in
state Off ) the voltage of the backup battery is
checked again to determine if charging is
required. This practically reduces the current
consumption to 0 if the backup battery is full.
5
BBCVolt
0
RW
This value determines the maximum charging
voltage VBBC
0 : VBBC=2.5V
1 : VBBC=3.0V
4:3
BBCCur
0
RW
This value determines the charge current IBBC
0 : IBBC=50uA
1 : IBBC=100uA
2 : IBBC=200uA
3 : IBBC=400uA
2BBCResOff
0
RW
0 : Enable output resistor
1 : Bypass output resistor
1:0
BBCMode
0
RW
Enable and disable backup battery charger.
Activation in PowerOff and standby mode requires
32kHz OSC to be enabled (rtc_on=1).
0 : Backup battery charger is disabled
1 : Backup battery charger is enabled in state
Active mode
2 : Backup battery charger is enabled in states
Active mode and Standby mode
3 : Backup battery charger is enabled in states
PowerOff mode, Active mode and Standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com