Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 151 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 151 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 147Page - ams-OSRAM AG AS3722 Datasheet HTML 148Page - ams-OSRAM AG AS3722 Datasheet HTML 149Page - ams-OSRAM AG AS3722 Datasheet HTML 150Page - ams-OSRAM AG AS3722 Datasheet HTML 151Page - ams-OSRAM AG AS3722 Datasheet HTML 152Page - ams-OSRAM AG AS3722 Datasheet HTML 153Page - ams-OSRAM AG AS3722 Datasheet HTML 154Page - ams-OSRAM AG AS3722 Datasheet HTML 155Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 199 page
background image
Page 150
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 166:
OVcurrent
Figure 167:
OVcurrent_deb
Addr:5ah
OVcurrent
Bit
Bit Name
Default
Access
Bit Description
2:0
sd0_ovc_alarm
0
RW
Selects overcurrent alarm threshold of SD0 per
phase
0 : disabled
1 : 1.6A
2 : 1.8A
3 : 2.0A
4 : 2.2A
5 : 2.4A
6 : 2.6A
7 : 2.8A
4:3
sd0_ilimit
0
RW
Selects overcurrent trip threshold of SD0 per
phase
0 : 2.5A
1 : 3A
2 : 3.5A
3 : do not use
6:5
sd1_ilimit
0
RW
Selects overcurrent trip threshold of SD1 per
phase
0 : 2.5A
1 : 3A
2 : 3.5A
3 : do not use
Addr:5bh
OVcurrent_deb
Bit
Bit Name
Default
Access
Bit Description
1:0
sd06_ovc_alarm_deb
0
RW
Selects debounce time of ovc_alarm0 and
ovc_alarm6 signals
0 : no debouncing
1 : 1 us
2 : 4 us
3 : 20 us
4:3
sd6_ilimit
0
RW
Selects overcurrent trip threshold of SD6 per
phase
0 : 2.5A
1 : 3A
2 : 3.5A
3 : do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com